Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3218IPZPR Datasheet(PDF) 34 Page - Texas Instruments

Part # TAS3218IPZPR
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3218IPZPR Datasheet(HTML) 34 Page - Texas Instruments

Back Button TAS3218IPZPR Datasheet HTML 30Page - Texas Instruments TAS3218IPZPR Datasheet HTML 31Page - Texas Instruments TAS3218IPZPR Datasheet HTML 32Page - Texas Instruments TAS3218IPZPR Datasheet HTML 33Page - Texas Instruments TAS3218IPZPR Datasheet HTML 34Page - Texas Instruments TAS3218IPZPR Datasheet HTML 35Page - Texas Instruments TAS3218IPZPR Datasheet HTML 36Page - Texas Instruments TAS3218IPZPR Datasheet HTML 37Page - Texas Instruments TAS3218IPZPR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 79 page
background image
Digital Signal Processor (DSP) Arithmetic Unit
Overview
TAS3218
SLES235 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com
The arithmetic processor is a fixed-point computational engine consisting of an arithmetic unit and data and
coefficient memory blocks. The primary features are:
• Two pipe parallel processing architecture
–
48-bit datapath with 76-bit accumulator
–
Hardware single cycle multiplier (28 48)
–
Three 48-bit general purpose data registers
–
One 28 bit coefficient register
–
48-bit adder
–
28-bit adder
–
Shift right, shift left
–
Bi-modal clip
–
Log2/Alog2
–
Magnitude truncation
• Read/read/write single-cycle memory access
• Data input is 48-bit 2s complement multiplexed in from SAP immediately following FSYNC pulse
• Data output is four 32-bit 2s complement busses
• Separate control for writing to delay memory
• Separate coefficient memory (28-bit) and data memory (48-bit)
• Linear Feedback Shift Register (LFSR) in the instruction register doubles as a random number generator in
normal operating mode
• Coefficient RAM, Data RAM, LFSR seed, Program counter, and memory pointers are all mapped into the
same memory space for convenient addressing by the micro
• Memory interface block contains four pointers, two for data memory and two for coefficient memory
Data Format
Figure 24 shows the data word structure of the arithmetic unit. Eight bits of overhead or guard bits are provided
at the upper end of the 48-bit word, and 16 bits of computational precision or noise bits are provided at the lower
end of the 48-bit word. The incoming digital audio words are all positioned with the most significant bit abutting
the 8-bit overhead/guard boundary. The sign bit in bit 39 indicates that all incoming audio samples are treated as
signed data samples.
The arithmetic engine is a 48-bit (25.23 format) processor consisting of a general-purpose 76-bit arithmetic logic
unit and function-specific arithmetic blocks. Multiply operations (excluding the function-specific arithmetic blocks)
always involve 48-bit words and 28-bit coefficients (usually I2C programmable coefficients). If a group of products
are to be added together, the 76-bit product of each multiplication is applied to a 76-bit adder, where a DSP-like
multiply-accumulate (MAC) operation takes place. Biquad filter computations use the MAC operation to maintain
precision in the intermediate computational stages.
To maximize the linear range of the 76-bit ALU, saturation logic is not used. In MAC computations, intermediate
overflows are permitted, and it is assumed that subsequent terms in the computation flow will correct the
overflow condition.
The memory banks include a dual port data RAM for storing intermediate results, a coefficient RAM, and a fixed
program ROM. Only the coefficient RAM, assessable via the I2C bus, is available to the user.
34
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS3218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com