Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3218IPZPR Datasheet(PDF) 19 Page - Texas Instruments

Part # TAS3218IPZPR
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3218IPZPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TAS3218IPZPR Datasheet HTML 15Page - Texas Instruments TAS3218IPZPR Datasheet HTML 16Page - Texas Instruments TAS3218IPZPR Datasheet HTML 17Page - Texas Instruments TAS3218IPZPR Datasheet HTML 18Page - Texas Instruments TAS3218IPZPR Datasheet HTML 19Page - Texas Instruments TAS3218IPZPR Datasheet HTML 20Page - Texas Instruments TAS3218IPZPR Datasheet HTML 21Page - Texas Instruments TAS3218IPZPR Datasheet HTML 22Page - Texas Instruments TAS3218IPZPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 79 page
background image
“0”
00000000000000
0 x 09
S Slave Addr
Sub Addr
Ack
Ack
DIT
AMUXes
SDOUT2
SDOUT1
DACs
31
18 17
12 11
10 9
8 7
2 1
0
0 x 16
ESFR
31
28
29
24
30
27
23 22 21
20
16
19
15
9
8
7
2 1
0
0 . . . 0
0 x 10
S Slave Addr
Sub Addr
Ack
Ack
DITRST PWRDN CTL
31
8
7
6
0
Decode
MUTE
RSTZ
Decode
00
*1
10
X Mute Ctl
Force Mute Off
Force Mute On
1
0
Powerdown, disable
Powerup, enable
SPDIF-TX
SPDIF_IN
SDOUT2
TX-SAP
CP
S Slave Addr
Sub Addr
Ack
Ack
OUTMUX
EMP CLKAC
WORDLEN
SR
VL
VR SRCNUM CATEGORY L 000000
CATEGORY
L
SR
SRCNUM
VL
VR
CLKAC
WORDLEN
RST
CP
EMP
Specification Coverage
TAS3218
www.ti.com ....................................................................................................................................................................................................... SLES235 – JULY 2008
Figure 15. I2C Register to EFSR and Hardware Connection Map
The TAS3218 is covered by the following specificaiotns:
• IEC60956-1: Second Edition, 2004-03
• IEC60956-3: Second Edition, 2003-01
• IEC958-2: First Edition, 1994-07
Specifcation coverage details can be found in Table 3.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TAS3218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com