Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3218IPZPR Datasheet(PDF) 63 Page - Texas Instruments

Part # TAS3218IPZPR
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3218IPZPR Datasheet(HTML) 63 Page - Texas Instruments

Back Button TAS3218IPZPR Datasheet HTML 59Page - Texas Instruments TAS3218IPZPR Datasheet HTML 60Page - Texas Instruments TAS3218IPZPR Datasheet HTML 61Page - Texas Instruments TAS3218IPZPR Datasheet HTML 62Page - Texas Instruments TAS3218IPZPR Datasheet HTML 63Page - Texas Instruments TAS3218IPZPR Datasheet HTML 64Page - Texas Instruments TAS3218IPZPR Datasheet HTML 65Page - Texas Instruments TAS3218IPZPR Datasheet HTML 66Page - Texas Instruments TAS3218IPZPR Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 79 page
background image
Status Register (0x02)
TAS3218
www.ti.com ....................................................................................................................................................................................................... SLES235 – JULY 2008
Table 24. Audio Data Format(1)
DIGITAL AUDIO I/O FORMAT
IM1/OM1
IM0/OM0
Left-justified
0
0
Right-justified
0
1
I2S
1
0
1
1
(1)
Default values are shown in italics.
Status register provide memory load information. When a memory load error for a particular memory occurs, the
memory load error bit for that memory is set to 1. When a memory load is successful for a particular memory the
memory load error bit for that memory is set to 0. Host needs to check this load status after memory load. Host
can clear all load error status by writing 0 to bits D40D32 of this register.
Table 25. SAP/Clock Setting
BIT
63
62
61
60
59
58
57
56
DESCRIPTION
0
0
0
0
0
0
0
0
Reserved
BIT
55
54
53
52
51
50
49
48
0
0
0
0
0
0
0
Reserved
BIT
47
46
45
44
43
42
41
0
0
0
0
0
0
0
Unsused
BIT
40
39
38
37
36
35
34
33
32
x
x
x
x
x
x
x
x
1
Micro program memory load error
x
x
x
x
x
x
x
1
x
Micro external memory load error
x
x
x
x
x
x
1
x
x
DAP program memory load error
x
x
x
x
x
1
x
x
x
DAP coefficient memory load error
x
x
x
x
1
x
x
x
x
DAP data memory load error
x
x
x
1
x
x
x
x
x
DAP upper data memory load error
DAP upper coefficient memory load
x
x
1
x
x
x
x
x
x
error
x
1
x
x
x
x
x
x
x
Invalid memory select
1
x
x
x
x
x
x
x
x
End of load header error
1
1
1
1
1
1
1
1
1
No EEPROM
0
0
0
0
0
0
0
0
0
No error
BIT
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
Reserved
BIT
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
Reserved
BIT
15
14
13
12
11
10
9
8
0
Reserved
BIT
7
6
5
4
3
2
1
0
0
Reserved
ABSY
Analog busy flag
0
Reserved
0
Reserved
0
Reserved
0
Reserved
BUSE
I2C bus error
0
Reserved
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Link(s): TAS3218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com