Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3218IPZPR Datasheet(PDF) 62 Page - Texas Instruments

Part # TAS3218IPZPR
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3218IPZPR Datasheet(HTML) 62 Page - Texas Instruments

Back Button TAS3218IPZPR Datasheet HTML 58Page - Texas Instruments TAS3218IPZPR Datasheet HTML 59Page - Texas Instruments TAS3218IPZPR Datasheet HTML 60Page - Texas Instruments TAS3218IPZPR Datasheet HTML 61Page - Texas Instruments TAS3218IPZPR Datasheet HTML 62Page - Texas Instruments TAS3218IPZPR Datasheet HTML 63Page - Texas Instruments TAS3218IPZPR Datasheet HTML 64Page - Texas Instruments TAS3218IPZPR Datasheet HTML 65Page - Texas Instruments TAS3218IPZPR Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 79 page
background image
SAP/Clock Setting (0x00)
TAS3218
SLES235 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com
The SAP/Clock Setting register is used to configure the device as a Clock Master/Slave as well as specify the
desired format of the digital audio ports. This register is four bytes in length.
Table 20. SAP/Clock Setting
BIT
31
30
29
28
27
26
25
24
DESCRIPTION
0
0
0
0
0
0
0
Unused
CM/S
Clock master/slave select
BIT
23
22
21
20
19
18
17
16
Unused
ON
SAP output normalization
BIT
15
14
13
12
11
10
9
8
0
Unused
OW1
OW0
Digital audio output word size
0
0
Unused
IW1
IW0
Digital audio input word size
BIT
7
6
5
4
3
2
1
0
0
Unused
OM1
OM0
Digital audio output format
0
0
Unused
IM1
IM0
Digital audio input format
Table 21. Clock Master/Slave Select(1)
CLOCK MASTER/SLAVE SELECT
CMS
Master
1
Slave
0
(1)
Default values are shown in italics.
Table 22. Digital Audio Port Normalization(1)
DIGITAL AUDIO PORT NORMALIZATION
ON
Enable
1
Disable
0
(1)
Default values are shown in italics.
Bits 98 (IW1 and IW0) define the data word size for the input SAP. Bits 1312 (OW1 and OW0) define the data
word size for the output SAP.
Table 23. Audio Data Word Size(1)
DIGITAL AUDIO I/O WORD SIZE
IW1/OW1
IW0/OW0
16 bit
0
0
20 bit
0
1
24 bit
1
0
1
1
(1)
Default values are shown in italics.
62
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS3218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com