Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD340 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TD340
Description  H-BRIDGE QUAD POWER MOSFET DRIVER FOR DC MOTOR CONTROL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD340 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TD340 Datasheet HTML 3Page - STMicroelectronics TD340 Datasheet HTML 4Page - STMicroelectronics TD340 Datasheet HTML 5Page - STMicroelectronics TD340 Datasheet HTML 6Page - STMicroelectronics TD340 Datasheet HTML 7Page - STMicroelectronics TD340 Datasheet HTML 8Page - STMicroelectronics TD340 Datasheet HTML 9Page - STMicroelectronics TD340 Datasheet HTML 10Page - STMicroelectronics TD340 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TD340
7/21
FUNCTIONAL DESCRIPTION
Speed and Direction Control:
The TD340 IC provides the necessary interface between an H-Bridge DC-Motor Control configuration and
a micro controller. The speed and direction are given by two input signals coming from the
microprocessor.
Speed Control:
Speed control is achieved by Pulse Width Modulation (PWM).
The TD340 provides an internal PWM generator, but can accept an external PWM waveform.
IN1 can accept two different types of inputs:
- an analog input between 0 and 5V (CF must be connected to set the PWM frequency) gives an analog
value of the Internal PWM duty cycle
- a digital input (CF must be grounded) gives directly the PWM
Figure 1 represents the Duty Cycle curve versus the IN1 analog voltage.
Figure 2 shows how to use the TD340 with an analog input or a digital input.
The speed control (or duty cycle) is achieved by the Low Side Drivers which impose the PWM function
while the cross-corresponding High Side MOSFETS is kept fully ON.
Direction Control:
IN2 accepts a digital value of the rotation direction.
Brake mode:
Brake mode is achieved by a zero level on the IN1 input.
The IN2 input selects low side or high side braking.
Brake mode is activated when the IN1 is at zero volt level for more than 200 us.
Figure 1 : Duty Cycle versus IN1 voltage
100%
Voltage
Duty Cycle
1.2V
3.6V
IN1
0%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com