Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD340 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TD340
Description  H-BRIDGE QUAD POWER MOSFET DRIVER FOR DC MOTOR CONTROL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD340 Datasheet(HTML) 1 Page - STMicroelectronics

  TD340 Datasheet HTML 1Page - STMicroelectronics TD340 Datasheet HTML 2Page - STMicroelectronics TD340 Datasheet HTML 3Page - STMicroelectronics TD340 Datasheet HTML 4Page - STMicroelectronics TD340 Datasheet HTML 5Page - STMicroelectronics TD340 Datasheet HTML 6Page - STMicroelectronics TD340 Datasheet HTML 7Page - STMicroelectronics TD340 Datasheet HTML 8Page - STMicroelectronics TD340 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1/21
s QUAD N-CHANNEL MOSFET DRIVE
s INTEGRATED CHARGE PUMP FOR HIGH
SIDE MOSFET DRIVING
s VERY LOW GROUND EMI NOISE
s MOTOR SPEED AND DIRECTION CON-
TROL (LOW SIDE PWM)
s INTERNAL OR EXTERNAL PWM SOURCE
s 25kHz SWITCHING FREQUENCY ABILITY
s SYNCHRONOUS HIGH SIDE RECTIFICA-
TION
s REVERSED BATTERY ACTIVE PROTEC-
TION ABILITY
s INTEGRATED 5V POWER SUPPLY FOR
MICROCONTROLLER
s INTEGRATED SECURITY CIRCUITS:
UVLO, OVLO, WATCHDOG
s 60V MAX RATING
DESCRIPTION
The TD340 integrated circuit allows N-Channel
Power
Mosfets
driving
in
a
full
H-bridge
configuration and is best suited for DC Motor
Control Applications. The four drivers outputs are
designed to allow 25kHz MOSFET switching.
The speed and direction of the motor are to be set
by two pins. Voltage across the motor is controlled
by low side Pulse Width Modulation (PWM). This
PWM feature can be made internally when the
input pin is connected to an analog signal, or it can
be given directly from a digital source.
An internal charge pump allows proper upper
MOS driving for full static operation (100% PWM).
TD340 achieves very low EMI noise thanks to its
balanced charge pump structure and its drivers
moderate slew rate.
To avoid excessive heating due to free wheeling,
appropriate synchronous rectification is achieved
on the corresponding High Side MOSFET.
Moreover,
TD340
integrates
a
5V
voltage
regulator suitable as a power supply output for the
microcontroller, a Reset circuit and a Watchdog
circuit.
Security functions disable the TD340 (MOS off)
when abnormal conditions occur like overvoltage,
undervoltage or CPU loss of control (watchdog).
TD340 withstands transients as met in automotive
field without special protection devices thanks to
its 60V BCD technology.
ORDER CODE
D= Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number
Temperature Range
Package
D
TD340ID
-40
°C, +125°C
•
D
SO20
(Plastic Micropackage)
VBATT
VOUT
RESET
CWD
WD
STBY
TEMP
IN1
IN2
CF
GND
L1
L2
S2
H2
CB2
S1
H1
CB1
OSC
10
9
8
7
6
5
4
3
2
1
11
12
13
14
15
16
17
18
19
20
TD340
H-BRIDGE QUAD POWER MOSFET DRIVER
FOR DC MOTOR CONTROL
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
May 2000
PRELIMINARY DATA


Similar Part No. - TD340

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TD34063 ETC1-TD34063 Datasheet
980Kb / 9P
DC TO DC CONVERTER CONTROLLER
More results

Similar Description - TD340

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6211F ROHM-BD6211F Datasheet
265Kb / 5P
H-bridge driver for DC brush motor
BD6221F ROHM-BD6221F Datasheet
266Kb / 5P
H-bridge driver for DC brush motor
BD6210F ROHM-BD6210F Datasheet
266Kb / 5P
H-bridge driver for DC brush motor
BD6211HFP ROHM-BD6211HFP Datasheet
266Kb / 5P
H-bridge driver for DC brush motor
BD6212FP ROHM-BD6212FP Datasheet
238Kb / 3P
H-bridge driver for DC brush motor
BD6212HFP ROHM-BD6212HFP Datasheet
266Kb / 5P
H-bridge driver for DC brush motor
BD6221HFP ROHM-BD6221HFP Datasheet
268Kb / 5P
H-bridge driver for DC brush motor
BD6222HFP ROHM-BD6222HFP Datasheet
267Kb / 5P
H-bridge driver for DC brush motor
BD6230F ROHM-BD6230F Datasheet
236Kb / 3P
H-bridge driver for DC brush motor
BD6231HFP ROHM-BD6231HFP Datasheet
240Kb / 3P
H-bridge driver for DC brush motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com