Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD340 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TD340
Description  H-BRIDGE QUAD POWER MOSFET DRIVER FOR DC MOTOR CONTROL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD340 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TD340 Datasheet HTML 6Page - STMicroelectronics TD340 Datasheet HTML 7Page - STMicroelectronics TD340 Datasheet HTML 8Page - STMicroelectronics TD340 Datasheet HTML 9Page - STMicroelectronics TD340 Datasheet HTML 10Page - STMicroelectronics TD340 Datasheet HTML 11Page - STMicroelectronics TD340 Datasheet HTML 12Page - STMicroelectronics TD340 Datasheet HTML 13Page - STMicroelectronics TD340 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TD340
10/21
MOS drivers
Output drivers are designed to drive MOS with gate capacitance of up to 4 nF. A small resistor in serial
with gate input is recommended to prevent spurious oscillations due to parasitic inductance in conjunction
with gate capacitance. Typical value of these resistors are from 10 to 100 ohms, depending on the MOS
characteristics.
Charge pump
To drive the high side MOS, the TD340 has to provide a voltage of about 10V higher that the power supply
voltage. The TD340 provides an internal charge pump which acts as a voltage tripling generator clamped
to 12V and allows the output of correct gate voltage with power voltage level as low as 6.5V. Its double
balanced structure ensures low EMI Ground Noise. The internal charge pump is used to achieve correct
voltage level at startup or static states.
An 5.6k resistor needs to be connected between OSC and GND for proper operation.
Bootstrap capacitors
To achieve dynamic driving up to 25kHz, it is necessary to support the internal charge pump with
bootstrap capacitors.
Bootstrap capacitors are charged from Vbat when the lower MOS is ON. When the lower MOS is switched
off and the upper one is switched ON, the bootstrap capacitor provides the necessary current to the driver
in order to charge the gate capacitor to the right voltage level.
A design rule to select the bootstrap capacitor value is to choose ten times the gate capacitance.
For example, MOS with 4 nF gate capacitance will require bootstrap capacitors of about 47nF.
MOS gate discharge
The high side MOS are switched off with internal Gate to Source discharge (not Gate to Ground
discharge) to prevent the Gates from negative transient voltages.
Figure 4 : Typical waveforms on low and high side MOS gates.
Upper trace : High side MOS gate
Lower trace : Low side MOS gate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com