Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD340 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TD340
Description  H-BRIDGE QUAD POWER MOSFET DRIVER FOR DC MOTOR CONTROL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD340 Datasheet(HTML) 2 Page - STMicroelectronics

  TD340 Datasheet HTML 1Page - STMicroelectronics TD340 Datasheet HTML 2Page - STMicroelectronics TD340 Datasheet HTML 3Page - STMicroelectronics TD340 Datasheet HTML 4Page - STMicroelectronics TD340 Datasheet HTML 5Page - STMicroelectronics TD340 Datasheet HTML 6Page - STMicroelectronics TD340 Datasheet HTML 7Page - STMicroelectronics TD340 Datasheet HTML 8Page - STMicroelectronics TD340 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TD340
2/21
SYSTEM AND INTERNAL BLOCK DIAGRAM
PIN DESCRIPTION
VBATT
VOUT
RESET
CWD
WD
STBY
TEMP
IN1
IN2
CF
GND
L1
L2
S2
H2
CB2
S1
H1
CB1
OSC
Q2H
Q2L
Q1H
Q1L
BATT -
BATT +
T
°
LOGIC
PWM
PWM
WATCHDOG
RESET
SUPPLY
UVLO
OVLO
TD340
5V
0V
M
Name
Pin
Type
Function
VBATT
1
Power Input
Power Supply
GND
11
Ground
Ground
L1
12
Push Pull Output
Low Side Drive - Gate 1
L2
13
Push Pull Output
Low Side Drive - Gate 2
H1
18
Push Pull Output
High Side Drive - Gate 1
H2
15
Push Pull Output
High Side Drive - Gate 2
S1
17
Analog Input
High Side Drive - Source 1
S2
17
Analog Input
High Side Drive - Source 2
CB1
19
Analog Input
High Side Drive - Bootstrap Capacitor 1
CB2
16
Analog Input
High Side Drive - Bootstrap Capacitor 2
CF
10
Analog Input
External Capacitor to set the PWM Switching Frequency
IN1
8
Analog or Digital Input
Analog Level of PWM (0 to 100%) if CF connected to a capacitor,
or PWM Signal if CF connected to ground
IN2
9
Digital Input
Direction to the Motor’s Rotation
STBY
6
Digital Input
Standby Mode
TEMP
7
Analog Output
Analog Indicator of Temperature
VOUT
2
Power Output
Regulated Power Supply Output for the Microcontroller - 5V
RESET
3
Open Drain Output
Reset Signal for the Microcontroller
WD
5
Digital Input
Watchdog Signal from the
Μicrocontroller
CWD
4
Analog Input
External Capacitor to set Watchdog Timeout
OSC
20
Digital Output
Oscillator Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com