Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38048FEHKP Datasheet(PDF) 378 Page - Renesas Technology Corp

Part # M38048FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048FEHKP Datasheet(HTML) 378 Page - Renesas Technology Corp

Back Button M38048FEHKP Datasheet HTML 374Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 375Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 376Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 377Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 378Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 379Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 380Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 381Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 382Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 387 page
background image
Addressing mode
Symbol
Function
Details
IMP
IMM
A
BIT, A
ZP
BIT, ZP
OP n# OP n# OP n# OP n# OP n#
OP n
#
3-88
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.7 Machine instructions
This instruction shifts either A or M one bit to
the right such that bit 7 of the result always is
set to 0, and the bit 0 is stored in C.
This instruction multiply Accumulator with the
memory specified by the Zero Page X address
mode and stores the high-order byte of the re-
sult on the Stack and the low-order byte in A.
This instruction adds one to the PC but does
no other operation.
When T = 0, this instruction transfers the con-
tents of A and M to the ALU which performs a
bit-wise “OR”, and stores the result in A.
When T = 1, this instruction transfers the con-
tents of M(X) and the M to the ALU which
performs a bit-wise OR, and stores the result
in M(X). The contents of A remain unchanged,
but status flags are changed.
M(X) represents the contents of memory
where is indicated by X.
This instruction pushes the contents of A to
the memory location designated by S, and
decrements the contents of S by one.
This instruction pushes the contents of PS to
the memory location designated by S and dec-
rements the contents of S by one.
This instruction increments S by one and
stores the contents of the memory designated
by S in A.
This instruction increments S by one and
stores the contents of the memory location
designated by S in PS.
This instruction shifts either A or M one bit left
through C. C is stored in bit 0 and bit 7 is
stored in C.
This instruction shifts either A or M one bit
right through C. C is stored in bit 7 and bit 0 is
stored in C.
This instruction rotates 4 bits of the M content
to the right.
This instruction increments S by one, and
stores the contents of the memory location
designated by S in PS. S is again incremented
by one and stores the contents of the memory
location designated by S in PCL. S is again
incremented by one and stores the contents of
memory location designated by S in PCH.
This instruction increments S by one and
stores the contents of the memory location
designated by S in PC L. S is again
incremented by one and the contents of the
memory location is stored in PCH. PC is
incremented by 1.
LSR
MUL
NOP
ORA
(Note 1)
PHA
PHP
PLA
PLP
ROL
ROR
RRF
RTI
RTS
M(S) • A
← A ✽ M(zz + X)
S
← S – 1
PC
← PC + 1
When T = 0
A
← A V M
When T = 1
M(X)
← M(X) V M
M(S)
← A
S
← S – 1
M(S)
← PS
S
← S – 1
S
← S + 1
A
← M(S)
S
← S + 1
PS ← M(S)
S
← S + 1
PS
← M(S)
S
← S + 1
PCL
← M(S)
S ← S + 1
PCH
← M(S)
S
← S + 1
PCL
← M(S)
S ← S + 1
PCH
← M(S)
(PC)
← (PC) + 1
7
0
←
←C ←
7
0
→
→
7
0
C →
→
7
0
0→
→C
4A 2
1
EA 2
1
09 2
2
46
05
5
3
2
2
2A
6A
26
66
82
48
08
68
28
40
60
3
3
4
4
6
6
1
1
1
1
1
1
2
2
1
1
5
5
8
2
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com