Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38048FEHKP Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # M38048FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048FEHKP Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button M38048FEHKP Datasheet HTML 82Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 83Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 84Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 85Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 86Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 87Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 88Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 89Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 387 page
background image
1-68
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
[I2C START/STOP Condition Control Register
(S2D)] 001616
The I2C START/STOP condition control register (S2D: address
001616) controls START/STOP condition detection.
•Bits 0 to 4: START/STOP condition set bits (SSC4–SSC0)
SCL release time, setup time, and hold time change the detection
condition by value of the main clock divide ratio selection bit and
the oscillation frequency f(XIN) because these time are measured
by the internal system clock. Accordingly, set the proper value to
the START/STOP condition set bits (SSC4 to SSC0) in considered
of the system clock frequency. Refer to Table 11.
Do not set “000002” or an odd number to the START/STOP condi-
tion set bits (SSC4 to SSC0).
Refer to Table 12, the recommended set value to START/STOP
condition set bits (SSC4–SSC0) for each oscillation frequency.
•Bit 5: SCL/SDA interrupt pin polarity selection bit (SIP)
An interrupt can occur when detecting the falling or rising edge of
the SCL or SDA pin. This bit selects the polarity of the SCL or SDA
pin interrupt pin.
•Bit 6: SCL/SDA interrupt pin selection bit (SIS)
This bit selects the pin of which interrupt becomes valid between
the SCL pin and the SDA pin.
Note: When changing the setting of the SCL/SDA interrupt pin polarity se-
lection bit, the SCL/SDA interrupt pin selection bit, or the I2C-BUS
interface enable bit ES0, the SCL/SDA interrupt request bit may be
set. When selecting the SCL/SDA interrupt source, disable the inter-
rupt before the SCL/SDA interrupt pin polarity selection bit, the SCL/
SDA interrupt pin selection bit, or the I2C-BUS interface enable bit
ES0 is set. Reset the request bit to “0” after setting these bits, and
enable the interrupt.
START/STOP
condition
control register
Oscillation
frequency
f(XIN) (MHz)
Fig. 66 Structure of I2C START/STOP condition control register
Note: Do not set an odd number to the START/STOP condition set bits (SSC4 to SSC0) and “000002”.
Table 12 Recommended set value to START/STOP condition set bits (SSC4–SSC0) for each oscillation frequency
Main clock
divide ratio
Internal
clock
φ
(MHz)
SCL release time
(
µs)
Setup time
(
µs)
Hold time
(
µs)
8
8
4
2
2
8
2
2
XXX11010
XXX11000
XXX00100
XXX01100
XXX01010
XXX00100
3.5
µs (14 cycles)
3.25
µs (13 cycles)
3.0
µs (3 cycles)
3.5
µs (7 cycles)
3.0
µs (6 cycles)
3.0
µs (3 cycles)
6.75
µs (27 cycles)
6.25
µs (25 cycles)
5.0
µs (5 cycles)
6.5
µs (13 cycles)
5.5
µs (11 cycles)
5.0
µs (5 cycles)
3.25
µs (13 cycles)
3.0
µs (12 cycles)
2.0
µs (2 cycles)
3.0
µs (6 cycles)
2.5
µs (5 cycles)
2.0
µs (2 cycles)
4
1
2
1
b7b0
I2C START/STOP condition
control register
START/STOP condition set bits
SCL/SDA interrupt pin polarity
selection bit
0 :Falling edge active
1 :Rising edge active
SCL/SDA interrupt pin selection bit
0 :SDA valid
1 :SCL valid
Not used
(Fix this bit to “0”.)
SIS SIP SSC4SSC3SSC2SSC1SSC0
(S2D : address 001616)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com