Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38048FEHKP Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # M38048FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048FEHKP Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button M38048FEHKP Datasheet HTML 43Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 44Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 45Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 46Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 47Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 48Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 49Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 50Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 387 page
background image
1-29
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
Fig. 21 Block diagram of timer X, timer Y, timer 1, and timer 2
Q
Q
“1”
“0”
P54/CNTR0
Q
Q
P55/CNTR1
“0”
“1”
R
R
T
T
f(XCIN)
f(XCIN)
XIN
XCIN
(1/2, 1/4, 1/8, 1/16, 1/32, 1/64, 1/128, 1/256, 1/512, 1/1024)
Divider
Count source
selection bit
CNTR0 active edge
switch bit
Port P54
direction register
Pulse output mode
Port P54
latch
CNTR0 active
edge switch bit
Toggle flip-flop
Pulse width
measurement
mode
Timer mode
Pulse output mode
Timer X count stop bit
Prescaler X (8)
Prescaler X latch (8)
Data bus
Timer X latch (8)
Timer X (8)
To timer X interrupt
request bit
To CNTR0 interrupt
request bit
Timer X latch write pulse
Pulse output mode
Clock for timer Y
Count source selection bit
Event
counter
mode
Pulse width
measurement
mode
Timer mode
Pulse output mode
Timer Y count stop bit
Event
counter
mode
“0”
“1”
CNTR1 active edge
switch bit
Prescaler Y (8)
Prescaler Y latch (8)
Data bus
Timer Y latch (8)
Timer Y (8)
To timer Y interrupt
request bit
To CNTR1 interrupt
request bit
Port P55
direction register
Pulse output mode
Port P55
latch
“1”
“0”
CNTR1 active
edge switch bit
Toggle flip-flop
Timer Y latch write pulse
Pulse output mode
Timer 2 latch (8)
Timer 2 (8)
To timer 2 interrupt
request bit
To timer 1 interrupt
request bit
Clock for timer 12
Prescaler 12 (8)
Prescaler 12 latch (8)
Data bus
Timer 1 latch (8)
Timer 1 (8)
“00”
“01”
“10”
Main clock
division ratio
selection bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com