Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38048FEHKP Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # M38048FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048FEHKP Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button M38048FEHKP Datasheet HTML 80Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 81Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 82Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 83Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 84Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 85Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 86Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 87Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 387 page
background image
1-66
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
START Condition Generating Method
When writing “1” to the MST, TRX, and BB bits of the I2C status
register (S1: address 001316) at the same time after writing the
slave address to the I2C data shift register (S0: address 001116)
with the condition in which the ES0 bit of the I2C control register
(S1D: address 001416) is “1” and the BB flag is “0”, a START con-
dition occurs. After that, the bit counter becomes “0002” and an
SCL for 1 byte is output. The START condition generating timing is
different in the standard clock mode and the high-speed clock
mode. Refer to Figure 62, the START condition generating timing
diagram, and Table 9, the START condition generating timing
table.
STOP Condition Generating Method
When the ES0 bit of the I2C control register (S1D: address
001416) is “1,” write “1” to the MST and TRX bits, and write “0” to
the BB bit of the I2C status register (S1: address 001316) simulta-
neously. Then a STOP condition occurs. The STOP condition
generating timing is different in the standard clock mode and the
high-speed clock mode. Refer to Figure 63, the STOP condition
generating timing diagram, and Table 10, the STOP condition gen-
erating timing table.
Fig. 62 START condition generating timing diagram
Fig. 63 STOP condition generating timing diagram
Table 10 STOP condition generating timing table
Item
Setup time
Hold time
Standard clock mode
5.0
µs (20 cycles)
4.5
µs (18 cycles)
Note: Absolute time at
φ = 4 MHz. The value in parentheses denotes the
number of
φ cycles.
High-speed clock mode
3.0
µs (12 cycles)
2.5
µs (10 cycles)
Table 9 START condition generating timing table
Item
Setup time
Hold time
Standard clock mode
5.0
µs (20 cycles)
5.0
µs (20 cycles)
Note: Absolute time at
φ = 4 MHz. The value in parentheses denotes the
number of
φ cycles.
High-speed clock mode
2.5
µs (10 cycles)
2.5
µs (10 cycles)
I2C status register
write signal
Hold time
Setup
time
SCL
SDA
I2C status register
write signal
Hold time
Setup
time
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com