Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38048FEHKP Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # M38048FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048FEHKP Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button M38048FEHKP Datasheet HTML 92Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 93Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 94Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 95Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 96Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 97Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 98Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 99Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 387 page
background image
1-78
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
WIT instruction
STP instruction
Timing
φ (internal clock)
S
R
Q
STP instruction
S
R
Q
Main clock stop bit
S
R
Q
1/2
1/4
XIN
XOUT
XCOUT
XCIN
Interrupt request
Reset
Interrupt disable flag l
Port XC
switch bit
“1”
“0”
Low-speed
mode
High-speed or
middle-speed
mode
Middle-speed mode
High-speed or
low-speed mode
Main clock division ratio
selection bits (Note 1)
Notes 1: Either high-speed, middle-speed or low-speed mode is selected by bits 7 and 6 of the CPU mode register.
When low-speed mode is selected, set port Xc switch bit (b4) to “1”.
2: f(XIN)/16 is supplied as the count source to the prescaler 12 at reset. The count source before executing the STP
instruction is supplied as the count source at executing STP instruction.
3: When bit 0 of MISRG is “0”, timer 1 is set “0116” and prescaler 12 is set “FF16” automatically. When bit 0 of MISRG is
“1”, set the appropriate value to them in accordance with oscillation stablizing time required by the using oscillator
because nothing is automatically set into timer 1 and prescaler 12.
4: Although a feed-back resistor exists on-chip, an external feed-back resistor may be needed depending on conditions.
Main clock division ratio
selection bits (Note 1)
Prescaler 12
Timer 1
Reset or
STP instruction
(Note 2)
Divider
(Note 3)
Reset
(Note 4)
Fig. 75 System clock generating circuit block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com