Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38048FEHKP Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # M38048FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048FEHKP Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button M38048FEHKP Datasheet HTML 134Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 135Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 136Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 137Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 138Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 139Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 140Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 141Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 387 page
background image
2-14
APPLICATION
2.2 Interrupt
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
(1)
Processing upon acceptance of interrupt request
Upon acceptance of an interrupt request, the following operations are automatically performed.
➀The processing being executed is stopped.
➁The contents of the program counter and the processor status register are pushed onto the stack
area. Figure 2.2.9 shows the changes of the stack pointer and the program counter upon acceptance
of an interrupt request.
➂Concurrently with the push operation, the jump destination address (the beginning address of the
interrupt processing routine) of the occurring interrupt stored in the vector address is set in the
program counter, then the interrupt processing routine is executed.
➃After the interrupt processing routine is started, the corresponding interrupt request bit is automatically
cleared to “0”. The interrupt disable flag is set to “1” so that multiple interrupts are disabled.
Accordingly, for executing the interrupt processing routine, it is necessary to set the jump destination
address in the vector area corresponding to each interrupt.
Fig. 2.2.9 Changes of stack pointer and program counter upon acceptance of interrupt request
Interrupt disable flag = “0”
Program counter
Stack pointer
Program counter (low-order)
Program counter (high-order)
PCL
PCH
(S)
S
Program counter
Stack pointer
PCL
PCH
(S) – 3
S
Vector address
(from Interrupt vector area)
Interrupt disable flag = “1”
Interrupt
request is
accepted
Stack area
(S)
Processor status register
Program counter (low-order)
Program counter (high-order)
(S)
(s) – 3
Stack area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com