Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38048FEHKP Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # M38048FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048FEHKP Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button M38048FEHKP Datasheet HTML 184Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 185Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 186Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 187Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 188Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 189Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 190Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 191Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 387 page
background image
2-64
APPLICATION
2.4 Serial interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Figure 2.4.23 shows a control procedure of the transmitting side, and Figure 2.4.24 shows a control
procedure of the receiving side.
Fig. 2.4.23 Control procedure of transmitting side
RESET
Initialization
(Address : 001A16)
(Address : 001C16)
(Address : 003A16), bit1
SIO1CON
BRG1
INTEDGE
8 – 1
0
TB1/RB1
(Address : 001816)
The first byte of a
transmission data
• Transmission data write
Transmit buffer empty flag is set to “0”
by this writing.
• Detection of INT1 falling edge
IREQ1 (Address: 003C16), bit1?
1
0
• Judgment of transferring from Transmit
buffer register to Transmit shift register
(Transmit buffer empty flag)
SIO1STS (Address : 001916), bit0?
1
0
TB1/RB1
(Address : 001816)
• Transmission data write
Transmit buffer empty flag is set to “0”
by this writing.
The second byte of a
transmission data
• Judgment of transferring from Transmit
buffer register to Transmit shift register
(Transmit buffer empty flag)
SIO1STS (Address : 001916), bit0?
1
0
• Judgment of shift completion of Transmit shift register
(Transmit shift register shift completion flag)
SIO1STS (Address : 001916), bit2?
1
0
IREQ1 (Address : 003C16), bit1
0
1101xx002
q x: This bit is not used here. Set it to “0” or “1” arbitrarily.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com