Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38048FEHKP Datasheet(PDF) 193 Page - Renesas Technology Corp

Part # M38048FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048FEHKP Datasheet(HTML) 193 Page - Renesas Technology Corp

Back Button M38048FEHKP Datasheet HTML 189Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 190Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 191Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 192Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 193Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 194Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 195Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 196Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 387 page
background image
2-69
APPLICATION
2.4 Serial interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Figure 2.4.30 shows registers setting relevant to serial I/O2, and Figure 2.4.31 shows a setting of
serial I/O2 transmission data.
Fig. 2.4.30 Registers setting relevant to serial I/O2
Synchronous clock : f(XIN)/32
0
Serial I/O2 interrupt : Interrupt disabled
ICON2
Interrupt control register 2 (Address : 003F16)
Serial I/O2 interrupt request
Confirm completion of transmitting
1-byte data by one unit.
“1” : Transmit shift completion
IREQ2
Interrupt request register 2 (Address : 003D16)
01
0
SIO2CON
Serial I/O2 control register (Address : 001D16)
0
0
11
Serial I/O2 used
SRDY2
output disabled
LSB first
b7
b0
0
b7
b0
b7
b0
Internal clock
0
Serial I/O2/timer Z interrupt source selection : Serial I/O2 interrupt
INTSEL
Interrupt source selection register (Address : 003916)
b7
b0
Port P63: CS signal to peripheral ICs
"L" active
P6
Port P6 (Address : 000C16)
1
b7
b0
Port P63: Output mode
P6D
Port P6 direction register (Address : 000D16)
1
b7
b0
Set a transmission data.
Confirm that transmission of the previous data is
completed (bit 2 of the Interrupt request register 2
is “1”) before writing data.
SIO2
Serial I/O2 register (Address : 001F16)
b7
b0
Fig. 2.4.31 Setting of serial I/O2 transmission data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com