Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38048FEHKP Datasheet(PDF) 260 Page - Renesas Technology Corp

Part # M38048FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048FEHKP Datasheet(HTML) 260 Page - Renesas Technology Corp

Back Button M38048FEHKP Datasheet HTML 256Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 257Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 258Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 259Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 260Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 261Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 262Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 263Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 264Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 387 page
background image
2-136
APPLICATION
2.8 D/A converter
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.8.7 Relevant registers setting
b7
b0
Port P3 direction register (P3D) (address 000716)
P30/DA1: Input mode
DA1 conversion register (DA1) (address 003616)
Timer XY mode register (TM) (address 002316)
Set conversion value (n)
0
b7
b0
Timer 12, X count source serection register (T12XCSS) (address 000E16)
Timer X count source: f(XIN)/16
1
b7
b0
b7
b0
AD/DA control register (ADCON) (address 003416)
DA1 output enabled
1
b7
b0
1
0
0
Timer X count: Stop
Timer mode
Prescaler X (PREX) (address 002416)
b7
b0
2 – 1
Set “division ratio –1”
Timer X (TX) (address 002516)
b7
b0
D616 – 1
Set “division ratio –1”
b7
b0
Interrupt request register 1 (IREQ1) (address 003C16)
Timer X interrupt request
0
b7
b0
Interrupt control register 1 (ICON1) (address 003E16)
Timer X interrupt: Enabled
1
Timer XY mode register (TM) (address 002316 )
b7
b0
0
Timer X count: Start
0
0
Analog voltage V =
VREF
× n
256
(n=0 to 255)
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com