Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38048FEHKP Datasheet(PDF) 265 Page - Renesas Technology Corp

Part # M38048FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048FEHKP Datasheet(HTML) 265 Page - Renesas Technology Corp

Back Button M38048FEHKP Datasheet HTML 261Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 262Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 263Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 264Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 265Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 266Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 267Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 268Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 269Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 387 page
background image
2-141
APPLICATION
2.9 Watchdog timer
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
2.9.3 Watchdog timer application examples
(1)
Detection of program runaway
Outline: If program runaway occurs, let the microcomputer reset, using the internal timer for detection
of program runaway.
Specifications: •High-speed mode is used as a main clock division ratio.
•An underflow signal of the watchdog timer L is supplied as the count source of
watchdog timer H.
•1 cycle of main routine is 65.536 ms or less.
•Before the watchdog timer H underflows, “0” is set into bit 7 of the watchdog timer
control register at every cycle in a main routine.
•An underflow of watchdog timer H is judged to be program runaway, and the
microcomputer is returned to the reset status.
Figure 2.9.4 shows a watchdog timer connection and division ratio setting; Figure 2.9.5 shows the
relevant registers setting; Figure 2.9.6 shows the control procedure.
Fig. 2.9.4 Watchdog timer connection and division ratio setting
f(XIN) = 16 MHz
1/16
1/256
1/256
RESET
Fixed
Watchdog timer LWatchdog timer H
STP instruction disable bit
STP instruction
Reset
circuit
Internal reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com