Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38048FEHKP Datasheet(PDF) 280 Page - Renesas Technology Corp

Part # M38048FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048FEHKP Datasheet(HTML) 280 Page - Renesas Technology Corp

Back Button M38048FEHKP Datasheet HTML 276Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 277Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 278Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 279Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 280Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 281Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 282Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 283Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 284Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 387 page
background image
2-156
APPLICATION
2.13 Flash memory mode
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.13.1 Memory map of M38049FFHSP/FP/HP/KP
2.13 Flash memory mode
This paragraph explains the registers setting method and the notes relevant to the flash memory mode of
M38049FFHSP/FP/HP/KP.
2.13.1 Overview
The functions of the flash memory version are similar to those of the mask ROM version except that the
flash memory is built-in and some of the SFR area differ from that of the mask ROM version (refer to
“2.13.2 Memory map”).
In the flash memory version, the built-in flash memory can be programmed or erased by using the following
three modes.
• CPU rewrite mode
• Parallel I/O mode
• Standard serial I/O mode
2.13.2 Memory map
M38049FFHSP/FP/HP/KP have 60 Kbytes of built-in flash memory.
Figure 2.13.1 shows the memory map of the flash memory version.
SFR area
Internal RAM area
(2 Kbytes)
000016
004016
083F16
SFR area
Internal flash memory area
(60 Kbytes)
0FE016
RAM
FFFF16
0FFF16
100016
User ROM area
Data block B:
2 Kbytes
100016
180016
E00016
C00016
FFFF16
F00016
FFFF16
Boot ROM area
4 Kbytes
Notes 1: The boot ROM area can be rewritten in a paral-
lel I/O mode. (Access to except boot ROM
area is disabled.)
2: To specify a block, use the maximum address
in the block.
Block 3: 24 Kbytes
200016
800016
Data block A:
2 Kbytes
Block 2: 16 Kbytes
Block 1: 8 Kbytes
Block 0: 8 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com