Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38048FEHKP Datasheet(PDF) 285 Page - Renesas Technology Corp

Part # M38048FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048FEHKP Datasheet(HTML) 285 Page - Renesas Technology Corp

Back Button M38048FEHKP Datasheet HTML 281Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 282Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 283Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 284Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 285Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 286Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 287Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 288Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 289Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 387 page
background image
2-161
APPLICATION
2.13 Flash memory mode
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Also, execute the following processing before the CPU reprogramming mode is selected so that
interrupts will not occur during the CPU reprogramming mode.
• Set the interrupt disable flag (I) to “1”
When the watchdog timer has already started, write to the watchdog timer control register (address
001E16) periodically during the CPU reprogramming mode in order not to generate the reset by the
underflow of the watchdog timer H.
During the program or erase execution, watchdog timer is automatically cleared. Accordingly, the
inernal reset by underflow does not occur.
When the interrupt request or reset occurs in the CPU reprogramming mode, the microcomputer
enters the following state;
• Interrupt occurs
This may cause a program runaway because the read from the flash memory which has the interrupt
vector area cannot be performed.
• Underflow of watchdog timer H, reset
This may cause a microcomputer reset; the built-in flash memory control circuit and the flash memory
control register are reset. When reset state is released with CNVss = “H” and P45/TxD1 = “H”, CPU
starts in the boot mode.
Also, when the above interrupt and reset occur during program/erase, error data may still exist after
reset release because the reprogramming of the flash memory is not completed, so that reprogramming
of the flash memory in the parallel I/O mode or serial I/O mode is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com