Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38048FEHKP Datasheet(PDF) 320 Page - Renesas Technology Corp

Part # M38048FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048FEHKP Datasheet(HTML) 320 Page - Renesas Technology Corp

Back Button M38048FEHKP Datasheet HTML 316Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 317Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 318Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 319Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 320Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 321Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 322Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 323Page - Renesas Technology Corp M38048FEHKP Datasheet HTML 324Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 387 page
background image
3-30
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.3 Notes on use
Clear the interrupt request bit to “0” (no interrupt issued)
↓
NOP (one or more instructions)
↓
Execute the BBC or BBS instruction
Fig. 3.3.2 Sequence of check of interrupt request bit
s Reason
If the BBC or BBS instruction is executed immediately after an interrupt request bit of an interrupt
request register is cleared to “0”, the value of the interrupt request bit before being cleared to “0”
is read.
3.3.4 Notes on 8-bit timer (timer 1, 2, X, Y)
q If a value n (between 0 and 255) is written to a timer latch, the frequency division ratio is 1/(n+1).
q When switching the count source by the timer 12, X and Y count source selection bits, the value
of timer count is altered in unconsiderable amount owing to generating of thin pulses in the count
input signals.
Therefore, select the timer count source before set the value to the prescaler and the timer.
q Set the double-function port of the CNTR0/CNTR1 pin and port P54/P55 to output in the pulse output
mode.
q Set the double-function port of CNTR0/CNTR1 pin and port P54/P55 to input in the event counter
mode and the pulse width measurement mode.
3.3.5 Notes on 16-bit timer (timer Z)
(1)
Pulse output mode
q Set the double-function port of the CNTR2 pin and port P47 to output.
(2)
Pulse period measurement mode
q Set the double-function port of the CNTR2 pin and port P47 to input.
q A read-out of timer value is impossible in this mode. The timer can be written to only during timer
stop (no measurement of pulse period).
q Since the timer latch in this mode is specialized for the read-out of measured values, do not
perform any write operation during measurement.
q “FFFF16” is set to the timer when the timer underflows or when the valid edge of measurement
start/completion is detected. Consequently, the timer value at start of pulse period measurement
depends on the timer value just before measurement start.
(3)
Pulse width measurement mode
q Set the double-function port of the CNTR2 pin and port P47 to input.
q A read-out of timer value is impossible in this mode. The timer can be written to only during timer
stop (no measurement of pulse period).
q Since the timer latch in this mode is specialized for the read-out of measured values, do not
perform any write operation during measurement.
q “FFFF16” is set to the timer when the timer underflows or when the valid edge of measurement
start/completion is detected. Consequently, the timer value at start of pulse width measurement
depends on the timer value just before measurement start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com