Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FEHKP Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # M38049FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FEHKP Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button M38049FEHKP Datasheet HTML 179Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 180Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 181Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 182Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 183Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 184Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 185Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 186Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 387 page
background image
2-59
APPLICATION
2.4 Serial interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
2.4.5 Serial I/O1, serial I/O3 operation: stop and initialize
Serial I/O1 and serial I/O3 perform the same operation. In the following explanations when names of serial
I/O1 and serial I/O3 are different, serial I/O1s' are showed first and then serial I/O3s' in the marked ( ).
(1)
Clock synchronous serial I/O mode
sStop/initialize transmit operation when only transmitting
When using an internal clock, set the transmit enable bit and serial I/O1 enable bit (serial I/O3
enable bit) to “0”.
When using an external clock, set the transmit enable bit to “0”.
By setting the transmit enable bit to “0”, the transmit operations listed below will be stopped or
initialized. However, when using an internal clock, the clock is output in 8 pulses, even if the
transmit enable bit is set to “0” during transmit operations.
•Stop supply of shift clock to transmit shift register
•Initialize clock control circuit for transmit
•Transmit buffer empty flag = “0”
•Transmit shift register shift complete flag = “0”
•P45/TxD1 pin: input/output port P45 (P35/TxD3 pin: input/output port P35)
By setting the serial I/O1 enable bit (serial I/O3 enable bit) to “0”, pins P44/RxD1, P45/TxD1, P46/
SCLK1, and P47/SRDY1 (P34/RxD3, P35/TxD3, P36/SCLK3, P37/SRDY3 pins) all become I/O ports. As a
result, the internal clock cannot be output externally.
sStop/initialize receive operation when only receiving
When using an internal clock, set the receive enable bit and serial I/O1 enable bit (serial I/O3
enable bit) to “0”.
When using an external clock, set the receive enable bit or serial I/O1 enable bit (serial I/O3
enable bit) to “0”.
By setting the receive enable bit to “0”, the receive operations listed below will be stopped or
initialized. However, when using an internal clock, the clock is output in 8 pulses, even if the
receive enable bit is set to “0” during receive operations.
•Stop supply of shift clock to receive shift register
•Initialize clock control circuit for receive
•Error flags (over-run, parity, framing, and summing error flags) = “0”
•Receive buffer full flag = “0”
•P44/RxD1 pin: input/output port P44 (P34/RxD3 pin: input/output port P34)
By setting the serial I/O1 enable bit (serial I/O3 enable bit) to “0”, the receive operations listed
below will be stopped or initialized. As a result, the internal clock cannot be output externally.
•Stop supply of shift clock to receive shift register
•Initialize clock control circuit for receive
•Error flags (over-run, parity, framing, and summing error flags) = “0”
•Receive buffer full flag = “0”
•P44/RxD1, P45/TxD1, P46/SCLK1, P47/SRDY1 pins: I/O ports P44, P45, P46, P47
(P34/RxD3, P35/TxD3, P36/SCLK3, P37/SRDY3 pins: I/O ports P34, P35, P36, P37)
sStop/initialize receive/transmit operation when both receiving and transmitting
Set the transmit enable bit and receive enable bit to “0” simultaneously.
When using an internal clock, also set the serial I/O1 enable bit (serial I/O3 enable bit) to “0”.
(2)
UART Mode
sStop/initialize transmit operation
Set the transmit enable bit to “0”.
sStop/initialize receive operation
Set the receive enable bit to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com