Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FEHKP Datasheet(PDF) 185 Page - Renesas Technology Corp

Part # M38049FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FEHKP Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button M38049FEHKP Datasheet HTML 181Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 182Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 183Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 184Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 185Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 186Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 187Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 188Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 387 page
background image
2-61
APPLICATION
2.4 Serial interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
2.4.7 Serial I/O application examples
(1)
Communication using clock synchronous serial I/O (transmit/receive)
Outline : 2-byte data is transmitted and received, using the clock synchronous serial I/O.
The SRDY1 signal is used for communication control.
Figure 2.4.19 shows a connection diagram, and Figure 2.4.20 shows a timing chart.
Figure 2.4.21 shows a registers setting relevant to the transmitting side, and Figure 2.4.22 shows
registers setting relevant to the receiving side.
Fig. 2.4.19 Connection diagram
Specifications : • Serial I/O is used (clock synchronous serial I/O is selected.)
• Synchronous clock frequency : 125 kHz (f(XIN) = 4 MHz is divided by 32)
• SRDY1 (receivable signal) is used.
• The receiving side outputs SRDY1 signal at intervals of 2 ms (generated by timer),
and 2-byte data is transferred from the transmitting side to the receiving side.
Fig. 2.4.20 Timing chart (using clock synchronous serial I/O)
P42
/INT1
SCLK1
TXD1
SRDY1
SCLK1
RXD1
Transmitting side
Receiving side
Note: Use SOUT2 and SIN2 instead of TxDi and RxDi for the serial I/O2. (i = 1, 3)
3804 group
(Spec. H)
3804 group
(Spec. H)
SRDY1
SCLK1
TXD
D0
D1 D2 D3
D4 D5 D6
D7
D0 D1 D2
D3 D4 D5
D6
D7
D0 D1
2 ms
....
....
....



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com