Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FEHKP Datasheet(PDF) 244 Page - Renesas Technology Corp

Part # M38049FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FEHKP Datasheet(HTML) 244 Page - Renesas Technology Corp

Back Button M38049FEHKP Datasheet HTML 240Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 241Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 242Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 243Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 244Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 245Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 246Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 247Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 248Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 387 page
background image
2-120
APPLICATION
2.6 PWM
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
2.6.3 PWM output circuit application example
<Motor control>
Outline : The rotation speed of the motor is controlled by using PWM (pulse width modulation) output.
Figure 2.6.5 shows a connection diagram ; Figures 2.6.6 shows PWM output timing, and Figure 2.6.7
shows a setting of the related registers.
Fig. 2.6.5 Connection diagram
Specifications : • Motor is controlled by using the PWM output function of 8-bit resolution.
• Clock f(XIN) = 5 MHz
• “T”, PWM cycle : 102
µs
• “t”, “H” level width of output pulse : 40
µs (Fixed speed)
✽ A motor speed can be changed by modifying the “H” level width of output pulse.
Fig. 2.6.6 PWM output timing
P56/PWM
3804 group
(Spec. H)
D/A converter
Motor driver
M
PWM output
t = 40
µs
T = 102
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com