Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FEHKP Datasheet(PDF) 246 Page - Renesas Technology Corp

Part # M38049FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FEHKP Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button M38049FEHKP Datasheet HTML 242Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 243Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 244Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 245Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 246Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 247Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 248Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 249Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 387 page
background image
2-122
APPLICATION
2.6 PWM
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
By setting the related registers as shown by Figure 2.6.7, PWM waveforms are output to the externals.
This PWM output is integrated through the low pass filter, and that converted into DC signals is used
for control of the motor. Figure 2.6.9 shows control procedure.
Fig. 2.6.9 Control procedure
2.6.4 Notes on PWM
The PWM starts after the PWM enable bit is set to enable and “L” level is output from the PWM pin.
The length of this “L“ level output is as follows:
(s)
(Count source selection bit = 0, where n is the value set in the prescaler)
(s)
(Count source selection bit = 1, where n is the value set in the prescaler)
n + 1
2 • f(XIN)
n + 1
f(XIN)
~
~
P5
(Address : 000A16), bit6
P5D (Address : 000B16)
PREPWM (Address : 002C16)
PWM
(Address : 002D16)
PWMCON (Address : 002B16)
• “L” level output from P56/PWM pin
0
X1XXXXXX2
1
100
XXXXXX012
• PWM period setting
• “H” level width of PWM setting
• PWM count source selected, PWM output enabled
• X : This bit is not used here.
Set it to “0” or “1” arbitrarily.
~
~



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com