Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7284 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7284
Description  RECORD/PLAYBACK CIRCUIT WITH ALC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7284 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7284 Datasheet HTML 5Page - STMicroelectronics TDA7284 Datasheet HTML 6Page - STMicroelectronics TDA7284 Datasheet HTML 7Page - STMicroelectronics TDA7284 Datasheet HTML 8Page - STMicroelectronics TDA7284 Datasheet HTML 9Page - STMicroelectronics TDA7284 Datasheet HTML 10Page - STMicroelectronics TDA7284 Datasheet HTML 11Page - STMicroelectronics TDA7284 Datasheet HTML 12Page - STMicroelectronics TDA7284 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Usually such an increase drives the op-amp into
saturation and the time for which it remains in this
condition is called the limiting time(T1).
T1 depends on the relationship between the ex-
ternal capacitances, the time constant T=R1
• C1,
the supply voltage and the signal variation.
The criteria for choosing the length of T1 are the
result of several compromises. In particular if T1
is too long, there will be audible distortion during
playback (during T1 the output is a square
wave),and if it is too short, the sensation of in-
creased level will be lost while dynamic compres-
sion phenomena and instability may occur.
The time for return to nominal level is defined as
the total time between the instant To and the in-
stant in which the output reassumes the nominal
value. This time (Ts) is roughly equal to 5
• T1.
On the basis of tests carried out it has been found
that a musical signal with high dynamic range
(
∆VI =+40 dB) is to be recorded, the best value of
Ts is between 200 and 300ms.
Recovery time.
let us now suppose that at the instant To the input
signal decreases of
∆Vi (fig. 18).
The recovery time (Trec) is defined as the time
between the instant To and the instant in which
the output signal returns to the nominal level.
This time depends essentially on the discharge
time constant of R2
• C2 ( see fig. 16) and on the
size of the step -
∆Vi. In this case too, if this time
is too long the signal to noise ratio on the tape de-
teriorates.
If it is too short the sensation of the low signal
level is lost during playback.
The ALC system of the TDA7284
Fig. 16 becomes the following (fig. 19) where the
Figure 17: Limiting and Level Setting Time
Figure 18: Recovery Time
Figure 19
TDA7284
9/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com