Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7284 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7284
Description  RECORD/PLAYBACK CIRCUIT WITH ALC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7284 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7284 Datasheet HTML 1Page - STMicroelectronics TDA7284 Datasheet HTML 2Page - STMicroelectronics TDA7284 Datasheet HTML 3Page - STMicroelectronics TDA7284 Datasheet HTML 4Page - STMicroelectronics TDA7284 Datasheet HTML 5Page - STMicroelectronics TDA7284 Datasheet HTML 6Page - STMicroelectronics TDA7284 Datasheet HTML 7Page - STMicroelectronics TDA7284 Datasheet HTML 8Page - STMicroelectronics TDA7284 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ELECTRICAL CHARACTERISTICS (VS = 6V, Tamb =25
°C unless otherwise specified refer to test cir-
cuit)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage
3
12
V
Id
Quiescent Current
4.5
8
mA
En
Input Noise
Rg = 2.2K
Ω
BW = 22Hz to 22kHz
1.2
µV
RI
Input Resistance
30
50
70
K
Ω
GO
Open Loop Gain
65
78
dB
VO
Output Voltage
THD < 1%
ALC OFF
ALC ON
1.2
0.7
1.8
0.9
1.1
Vrms
Vrms
THD
Total Harmonic Distortion
VO =1Vrms
ALC = ON VI = 100mV
0.1
0.3
0.5
1
%
%
ALC Range
∆VO = 3dB
47
dB
CB
Channel Balance
ALC ON
0
2
dB
SVR
Supply Voltage Rejection
f = 120Hz, CSVR =33
µF
VR = 100mV, Rg = 10K
Ω
ALC = Off
50
dB
CS
Cross-talk
ALC OFF
70
dB
Pin 3
Turn Off Threshold
IO =<1
µA
0.8
1.3
V
Pin 3
Turn On Threshold
1.7
2.25
V
Pin 3
Turn On Saturation
RL = 10K
Ω
0.1
0.2
V
Figure 3: Drain Current vs. Supply Voltage
Figure 4: Recording Closed Loop Gain vs.
Frequency
TDA7284
5/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com