Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7284 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7284
Description  RECORD/PLAYBACK CIRCUIT WITH ALC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7284 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7284 Datasheet HTML 6Page - STMicroelectronics TDA7284 Datasheet HTML 7Page - STMicroelectronics TDA7284 Datasheet HTML 8Page - STMicroelectronics TDA7284 Datasheet HTML 9Page - STMicroelectronics TDA7284 Datasheet HTML 10Page - STMicroelectronics TDA7284 Datasheet HTML 11Page - STMicroelectronics TDA7284 Datasheet HTML 12Page - STMicroelectronics TDA7284 Datasheet HTML 13Page - STMicroelectronics TDA7284 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
peak-to-peak detector of fig. 16 is now inside the
broken line 1 while the system which allows a di-
namic resistance varying with the DC voltage
level (i.e. inversely proportional to the op-amp
output signal),is inside the broken line 2.
It should be noted that the generator resistance
Ri
has no influence on the controlled voltage
value Vc, although its value should be between 1
and 47 Kohm.
The lower limit is determined by the minimum dy-
namic resistance
of 10 ohm and therefore to
have a control range of 40 dB for the input signal,
Ri must be greather than 1.5 Kohm.
The upper limit results from the necessity to limit
the attenuation of the signal by the input imped-
ance of the op-amp.
Switches
Two DC-controlled switches are also included in
the chip (fig. 20 )
Fig. 19 shows the typical application circuit of the
TDA7284 utilizing the equalization switch for nor-
mal or chrome tape playback equalization.The
advantage is the components can be placed near
to the IC, while the tape selector switch can be at
a remote location, hence reduce the chances of
noise and oscillation due to components layout.
Another advantage is that only one pole is
needed for the tape selector switch as compared
to the two poles needed by conventional circuits
(one separate pole for each channel).
Fig. 22 shows the use of the switches to obtain
the mute function.
Figure 20
Figure 21: Application Circuit with DC Switching of Normal/Chrome Tape Equalization
TDA7284
10/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com