Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7284 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7284
Description  RECORD/PLAYBACK CIRCUIT WITH ALC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7284 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7284 Datasheet HTML 1Page - STMicroelectronics TDA7284 Datasheet HTML 2Page - STMicroelectronics TDA7284 Datasheet HTML 3Page - STMicroelectronics TDA7284 Datasheet HTML 4Page - STMicroelectronics TDA7284 Datasheet HTML 5Page - STMicroelectronics TDA7284 Datasheet HTML 6Page - STMicroelectronics TDA7284 Datasheet HTML 7Page - STMicroelectronics TDA7284 Datasheet HTML 8Page - STMicroelectronics TDA7284 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Symbol
Parameter
Value
Unit
VS
Supply Voltage
14
V
TOP
Operating Temperature Range
-20 to 70
°C
Tstg,Tj
Storage and Junction Temperature Range
-40 to 150
°C
THERMAL DATA
Symbol
Description
S014
DIP14
Unit
Rth j-amb
Thermal Resistance Junction-ambient
Max
200
120
°C/W
DC CHARACTERISTICS (Tamb =25
°;VS = 6V; Vi = 0V; Ri = 10KΩ; ALC = OFF)
Terminal No.
1
2
3
45678
9
10
11
12
13
14
Terminal Voltage (V)
0
0
0
0
2.6
0
1.3
1.3
0
2.6
6
4.6
0
0
ABSOLUTE MAXIMUM RATINGS
PIN CONNECTION (Top view)
TDA7284
2/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com