Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7316 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7316
Description  FOUR BANDSDIGITAL CONTROLLED GRAPHIC EQUALIZER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7316 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7316 Datasheet HTML 1Page - STMicroelectronics TDA7316 Datasheet HTML 2Page - STMicroelectronics TDA7316 Datasheet HTML 3Page - STMicroelectronics TDA7316 Datasheet HTML 4Page - STMicroelectronics TDA7316 Datasheet HTML 5Page - STMicroelectronics TDA7316 Datasheet HTML 6Page - STMicroelectronics TDA7316 Datasheet HTML 7Page - STMicroelectronics TDA7316 Datasheet HTML 8Page - STMicroelectronics TDA7316 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TDA7316
FOUR BANDS DIGITAL CONTROLLED GRAPHIC EQUALIZER
VOLUME CONTROL IN 0.375dB STEP
FOUR BANDS STEREO GRAPHIC EQUAL-
IZER
CENTER FREQUENCY, BANDWIDTH, MAX
BOOST/CUT DEFINED BY EXTERNAL COM-
PONENTS
±14dB CUT/BOOST CONTROL IN 2dB/STEP
ALL FUNCTIONS PROGRAMMABLE VIA SE-
RIALBUS
VERY LOW DISTORTION
VERY LOW NOISE AND DC STEPPING BY
USE OF A MIXED BIPOLAR/CMOS TECH-
NOLOGY
DESCRIPTION
The TDA7316 is a monolithic, digitally controlled
graphic equalizer realized in BiCMOS mixed technol-
ogy. The stereo signal, before any filtering, can be at-
tenuated down to -17.625dB in 0.375dB step.
All the functions can be programmed via serial
bus making easy to build a
µPcontrolled system.
Signal path is designed for very low noise and distor-
tion.
November 1999
®
SO28
ORDERING NUMBER: TDA7316
BLOCK DIAGRAM
1/10


Similar Part No. - TDA7316

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7310 STMICROELECTRONICS-TDA7310 Datasheet
129Kb / 15P
SERIAL BUS CONTROLLED AUDIO PROCESSOR
Nov-1999
TDA7311 STMICROELECTRONICS-TDA7311 Datasheet
78Kb / 11P
SERIAL BUS CONTROLLED AUDIO PROCESSOR
Jul-1999
TDA7312 STMICROELECTRONICS-TDA7312 Datasheet
116Kb / 13P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
Nov-1999
logo
Shenzhen Titan Micro El...
TDA7312 TITAN-TDA7312 Datasheet
562Kb / 13P
Digital audio processing circuit
logo
STMicroelectronics
TDA7313 STMICROELECTRONICS-TDA7313 Datasheet
131Kb / 14P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
Nov-1999
More results

Similar Description - TDA7316

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC835 NSC-LMC835 Datasheet
474Kb / 18P
LMC835 Digital Controlled Graphic Equalizer
logo
STMicroelectronics
TDA7317 STMICROELECTRONICS-TDA7317 Datasheet
175Kb / 12P
FIVE BANDS DIGITAL CONTROLLED GRAPHIC EQUALIZER
Nov-1999
logo
Toshiba Semiconductor
TA2062F TOSHIBA-TA2062F Datasheet
290Kb / 7P
5 BAND GRAPHIC EQUALIZER
logo
Rohm
BA3812L ROHM-BA3812L Datasheet
90Kb / 6P
5-channel graphic equalizer
logo
Sanyo Semicon Device
LA3607 SANYO-LA3607 Datasheet
194Kb / 6P
7-Band Graphic Equalizer?
LC7527E SANYO-LC7527E Datasheet
244Kb / 11P
Graphic Equalizer System
logo
List of Unclassifed Man...
YSS231 ETC-YSS231 Datasheet
552Kb / 8P
GRAPHIC EQUALIZER
logo
Sanken electric
STK6328A SANKEN-STK6328A Datasheet
135Kb / 1P
2-CHANNEL GRAPHIC EQUALIZER
logo
rfsolutions.ltd
SG4 RFSOLUTIONS-SG4 Datasheet
694Kb / 2P
10 Band Graphic Equalizer
logo
Mixed Signal Integratio...
MSGEQ7 MSI-MSGEQ7 Datasheet
187Kb / 4P
Seven Band Graphic Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com