Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7316 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7316
Description  FOUR BANDSDIGITAL CONTROLLED GRAPHIC EQUALIZER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7316 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7316 Datasheet HTML 1Page - STMicroelectronics TDA7316 Datasheet HTML 2Page - STMicroelectronics TDA7316 Datasheet HTML 3Page - STMicroelectronics TDA7316 Datasheet HTML 4Page - STMicroelectronics TDA7316 Datasheet HTML 5Page - STMicroelectronics TDA7316 Datasheet HTML 6Page - STMicroelectronics TDA7316 Datasheet HTML 7Page - STMicroelectronics TDA7316 Datasheet HTML 8Page - STMicroelectronics TDA7316 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
10.2
V
Top
Operating Temperature Range
-40 to +85
°C
Tstg
Storage Temperature Range
-55 to +150
°C
Rtjvins
Thermal Resistance Junction pins
max
85
°C/W
PIN CONNECTION
ELECTRICAL CHARACTERISTICS (Tamb =25
°C, VS = 9V, RL = 10KΩ,Rg = 600Ω, f = 1KHz VIN =
1Vrms, all controls in flat position (AV = 0dB) unless otherwise specified).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY
VS
Supply Voltage
6
9
10
V
IS
Supply Current
8
14
20
mA
SVR
Ripple Rejection
60
80
dB
TDA7316
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com