Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7316 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7316
Description  FOUR BANDSDIGITAL CONTROLLED GRAPHIC EQUALIZER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7316 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7316 Datasheet HTML 1Page - STMicroelectronics TDA7316 Datasheet HTML 2Page - STMicroelectronics TDA7316 Datasheet HTML 3Page - STMicroelectronics TDA7316 Datasheet HTML 4Page - STMicroelectronics TDA7316 Datasheet HTML 5Page - STMicroelectronics TDA7316 Datasheet HTML 6Page - STMicroelectronics TDA7316 Datasheet HTML 7Page - STMicroelectronics TDA7316 Datasheet HTML 8Page - STMicroelectronics TDA7316 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Fig. 1
x = band number
y = left or right
DEVICE DESCRIPTION
The TDA7316 is a four bands, digitally controlled
stereo Graphic Equalizer.
The device is intended for high quality audio ap-
plication in Hi-Fi, TV and car radio systems where
feature like low noise and THD are key factors. A
mixed Bipolar Cmos Technology allows:
Cmos analog switches for pop free commuta-
tions, high frequency op.amp. (GWB = 10MHz)
and high linearity polisilicon resistor for THD =
0.01 (at Vin = 1Vrms) and a S/N ratio of 102dB.
The internal Block Diagram is shown on page 1.
The first stage is a volume control. The control
range is 0 to -17.625dB with 0.375dBstep.
The very high resolution (0.375dB step) allows
the implementation of closed loop amplitude con-
trol system completely free from any acustical ef-
fect (stepping variation and pumping effect).
The volume control is followed by a serial four
bands equalizer. Each filtering cell is the biquad
cell shown in fig. 1
The internal resistor string is fixing the boost/cut
value while the buffer makes the Q (quality factor)
and central frequency, set by external compo-
nents, fully indipendent from the internal resistors.
Each filtering cell is realized using only 4 external
components (2 capacitors and 2 resistors) allow-
ing a flexible selection of centre frequency fo, Q
factor and gain. Here below the basic formulae
and the key features of each band pass filter are
reported:
fo = center frequency
Gv = gain/loss at the center frequency fo
Gv = 20log(Av)
Q
=
fo
f2
− f1
where f2,f1 = 3dB Bandwidth limits.
Av
= (
R2
⋅ C2 )+(R2 ⋅ C1 )
+ (R1 ⋅ C1 )
(R2 ⋅ C1 )+ (R2 ⋅ C2 )
Q
= √
(R1
⋅ C1 ⋅ R2 ⋅ C2 )
(R2 ⋅C1 )+ (R2 ⋅ C2 )
fo
=
1
2
π ⋅√
(R1 ⋅ R2 ⋅ C1
⋅ C2)
If C1 is fixed, then:
C2
=
Q
2
Av
− 1 − Q2
⋅ C1
R2
=
1
2
π ⋅ C1 ⋅ fo ⋅ (
Av
−1 ) ⋅ Q
(Av − 1
− Q2)
R1
= (
Av
− 1)2
Av
− 1
− Q2
⋅ R2
Likewise, the components values can be deter-
mined byfixing one of the other three parameters.
Referring to fig. 1 the suggested R2 value should
be higher than 2K
Ω in order to have a good THD
(internal op. amp. current limit).
Viceversa the R1 value should be equal or lower
than 51K
Ω in order to keep the ”click”(DC step)
very low.
A typical application is shown by fig. 2
TDA7316
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com