Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7316 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7316
Description  FOUR BANDSDIGITAL CONTROLLED GRAPHIC EQUALIZER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7316 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7316 Datasheet HTML 1Page - STMicroelectronics TDA7316 Datasheet HTML 2Page - STMicroelectronics TDA7316 Datasheet HTML 3Page - STMicroelectronics TDA7316 Datasheet HTML 4Page - STMicroelectronics TDA7316 Datasheet HTML 5Page - STMicroelectronics TDA7316 Datasheet HTML 6Page - STMicroelectronics TDA7316 Datasheet HTML 7Page - STMicroelectronics TDA7316 Datasheet HTML 8Page - STMicroelectronics TDA7316 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
INPUT
RI
Input Resistance
20
30
40
K
Ω
VIN max
Max Input Signal
THD = 0.3%
2.0
2.5
VRMS
INS
Input Separation (1)
80
100
dB
VOLUME CONTROL
CRANGE
Control Range
17.625
dB
AVMIN
Min. Attenuation
-0.5
0
0.5
dB
AVMAX
Max. Attenuation
16.7
17.625
18.6
dB
ASTEP
Step Resolution
0.175
0.375
0.575
dB
EA
Attenuation Set Error
-1.0
1
dB
ET
Tracking Error
0.5
dB
VDC
DC Steps
adjacent attenuation steps
0
3.0
mV
GRAPHIC EQUALIZER
THD
Distortion
0.01
0.1
%
Cs
Channel Separation
80
100
dB
eNO
Output Noise
BW = 20Hz to 20KHz
flat, AV = 0dB
820
µV
A curve
6
µV
BW = 20Hz to 20KHz AV = 0dB
All bands = max. boost
All bands = max. cut
24
6
µV
µV
S/N
Signal to Noise Ratio
AV = 0dB; Vref =1VRMS
100
dB
Bstep
Step Resolution
1
2
3
dB
CRANGE
Control Range
max boost/cut
±12
±14
±16
dB
VDC
DC Steps
Adiacent Control Steps
0.5
3
mV
AUDIO OUTPUTS
VO
Output Voltage
2
2.5
VRMS
RL
Output Load Resistance
2
K
Ω
CL
Output Load Capacitance
10
nF
RO
Output Resistance
5
10
20
Ω
VOUT
DC Voltage Level
4.2
4.5
4.8
V
BUS INPUTS
VIL
Input Low Voltage
1V
VIH
Input High Voltage
3
V
IIN
Input Current
-5
+5
µA
VO
Output Voltage SDA
Acknowledge
IO = 1.6mA
0.4
V
ADDRESS PIN (Internal 50K
Ω pull down resistor)
VIL
Input Low Voltage
1V
VIH
Input High Voltage
VCC -1V
V
NOTE1: The selected input is grounded thre the 2.2
µF capacitor
TDA7316
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com