Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7340 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7340
Description  AUDIO SIGNAL PROCESSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7340 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7340 Datasheet HTML 6Page - STMicroelectronics TDA7340 Datasheet HTML 7Page - STMicroelectronics TDA7340 Datasheet HTML 8Page - STMicroelectronics TDA7340 Datasheet HTML 9Page - STMicroelectronics TDA7340 Datasheet HTML 10Page - STMicroelectronics TDA7340 Datasheet HTML 11Page - STMicroelectronics TDA7340 Datasheet HTML 12Page - STMicroelectronics TDA7340 Datasheet HTML 13Page - STMicroelectronics TDA7340 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MSB
LSB
FUNCTION
XX
T
I
A3
A2
A1
A0
0000
Input Selector
0001
Loudness
0010
Volume
0011
Bass, Treble
0100
Speaker Attenuator LF
0101
Speaker Attenuator LR
0110
Speaker Attenuator RF
0111
Speaker Attenuator RR
1000
Mute
1001
Stereodecoder
T = Testmode
I = Autoincrement
X = Not Used
SUBADDRESS (RECEIVE MODE)
TRANSMITTED DATA (SEND MODE)
MSB
LSB
X
X
X
X
ST
SM
ZM
P
P = Pause (low active)
ZM =Zero Crossing Muted (HIGH = active)
SM = Soft mute activated (HIGH = active)
ST = Stereo (HIGH = active)
X = Not used
The transmitted data is automatically updated af-
ter each 9th clock pulse.
Transmission can be repeated without new chi-
paddress.
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
Quasi Diff CD
1
0
0
0
Full Diff CD
0
0
1
Stereo Decoder
0
1
0
Cassette Stereo
1
0
1
1
AM Mono
1
0
0
Telephone Mono
1
1
0
1
Beep Mono
0
0
1
1
AM Stereo
0
1
0
1
Not allowed
1
1
0
Not allowed
1
1
1
Not allowed
0
0
11.25dB gain
0
1
7.5dB Gain
1
0
3.75dB Gain
1
1
0 dB Gain
0
0dB Differential input Gain (CD Input)
1
-6dB Differential input Gain (CD Input)
DATA BYTE SPECIFICATION
X = not relevant; set to ”1”during testing
INPUT SELECTOR
For example to select quasi diff CD input with 0dB diff gain and 7.5dB input gain the Data Byte is:
00001000
TDA7340
10/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com