Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7340 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7340
Description  AUDIO SIGNAL PROCESSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7340 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7340 Datasheet HTML 1Page - STMicroelectronics TDA7340 Datasheet HTML 2Page - STMicroelectronics TDA7340 Datasheet HTML 3Page - STMicroelectronics TDA7340 Datasheet HTML 4Page - STMicroelectronics TDA7340 Datasheet HTML 5Page - STMicroelectronics TDA7340 Datasheet HTML 6Page - STMicroelectronics TDA7340 Datasheet HTML 7Page - STMicroelectronics TDA7340 Datasheet HTML 8Page - STMicroelectronics TDA7340 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AUDIO PROCESSOR PART
FEATURES:
Input Multiplexer:
DIFFERENTIAL CD STEREO INPUT
CASSETTE STEREO INPUT
FM STEREO INPUT FROM STEREODE-
CODER
AM INPUT:
MONO OR STEREO MODE (PROGRAMMA-
BLE)
BEEP INPUT (ONLY IN AM MONO MODE)
TELEPHONE DIFFERENTIAL MONO INPUT
GAIN PROGRAMMABLE IN
3 x 3.75dB
STEPS
Loudness:
FULLY PROGRAMMABLE
15 x 1.25dB STEPS
Volume Control:
1.25dB COARSE ATTENUATOR
0.31dB FINE ATTENUATORS
MAX GAIN 20dB
MAX ATTENUATION 59.7dB (PLUS LOUD-
NESS)
Bass Control
±7 x 2dB STEPS
2nd ORDER SYMMETRICAL OR NON SYM-
METRICAL FREQUENCY RESPONSE
(PROGRAMMABLE)
Treble Control
±7 x 2dB STEPS
Speaker Control
4 INDEPENDENT SPEAKER CONTROL IN
1.25dB STEPS
CONTROL RANGE 37.5dB
INDEPENDENT SPEAKER MUTE
Mute Functions
DIRECT MUTE
ZERO CROSSING MUTE WITH PROGRAM-
MABLE THRESHOLD
SOFT MUTE WITH EXTERNAL DEFINED
SLOPE
Pause Detector
PROGRAMMABLE THRESHOLD
DELAY TIME DEFINED BY AN EXTERNAL
CAPACITOR
STEREO DECODER PART
FEATURES:
INTEGRATED 19KHZ NOTCH FILTER FOR
PILOT CANCELLATION
ON CHIP FILTER FOR PILOT DETECTOR
AND PLL
ADJUSTMENT FREE VOLTAGE CONTROL-
LED OSCILLATOR
AUTOMATIC
PILOT
DEPENDENT
MONO/STEREO SWITCHING
VERY HIGH INTERMODULATION AND IN-
TERFERENCE SUPPRESSION
I
2C BUS CONTROLLED (STD OFF, FORCED
MONO, STEREO)
HIGH CUT CONTROL
STEREO BLEND
NOISE BLANKER PART
FEATURES:
INTERNAL 2nd ORDER HIGH-PASS FILTER
NOISE RECTIFIER OUTPUT FOR SIGNAL
QUALITY DETECTION
PROGRAMMABLE TRIGGER THRESHOLD
TRIGGER THRESHOLD DEPENDENT ON
HIGH FREQUENCY NOISE
BLANKING TIME PROGRAMMABLE BY EX-
TERNAL CAPACITOR
VERY LOW OFFSET CURRENT DURING
HOLD TIME DUE TO OPAMPS WITH MOS
INPUTS
LEVEL INPUT FOR ADDITIONAL SPIKE DE-
TECTION ON FIELD STRENGTH
TDA7340
2/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com