Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7340 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7340
Description  AUDIO SIGNAL PROCESSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7340 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7340 Datasheet HTML 2Page - STMicroelectronics TDA7340 Datasheet HTML 3Page - STMicroelectronics TDA7340 Datasheet HTML 4Page - STMicroelectronics TDA7340 Datasheet HTML 5Page - STMicroelectronics TDA7340 Datasheet HTML 6Page - STMicroelectronics TDA7340 Datasheet HTML 7Page - STMicroelectronics TDA7340 Datasheet HTML 8Page - STMicroelectronics TDA7340 Datasheet HTML 9Page - STMicroelectronics TDA7340 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ELECTRICAL CHARACTERISTICS (continued.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
BASS CONTROL
CRANGE
Control Range
±11.5
±14
±16
dB
ASTEP
Step Resolution
1
2
3
dB
RB
Internal Feedback Resistance
35
50
65
K
TREBLE CONTROL
CRANGE
Control Range
±13
±14
±15
dB
ASTEP
Step Resolution
1
2
3
dB
SPEAKER ATTENUATORS
CRANGE
Control Range
35.0
37.5
40.0
dB
ASTEP
Step Resolution
0.5
1.25
2.0
dB
AMUTE
Output Mute Attenuation
Data Word = 38.75dB
80
100
dB
EA
Attenuation Set Error
1.50
dB
VDC
DC Step
Adjacent Attenuation Steps
0.1
3
mV
AUDIO OUTPUTS
VCLIP
Clipping Level
d = 0.3%
2.1
2.6
VRMS
RL
Output Load Resistance
2
K
ROUT
Output Impedance
30
100
VDC
DC Voltage Level
3.5
3.8
4.1
V
PAUSE DETECTOR
VTH
Zero Crossing Threshold (1)
WIN = 11
20
mV
WIN = 10
40
mV
WIN = 01
80
mV
WIN = 00
160
mV
IDELAY
Pull-up Current
15
25
35
µA
VTHP
Pause Threshold
3.0
V
GENERAL
ENO
Output Noise
BW = 20Hz to 20KHz, flat
Output Muted
All gains = 0dB
2.5
515
µV
µV
S/N
Signal to Noise Ratio
All gains 0dB; VO =1VRMS ;
106
dB
d
Distortion
VI =1VRMS ;
0.01
0.08
%
SC
Channel Separation Left/Right
80
100
dB
ET
Total Tracking Error
AV = 0 to -20dB;
0
1
dB
AV = -20 to -60dB;
0
2
dB
BUS INPUT
VIL
Input Low Voltage
1V
VIH
Input High Voltage
3
V
IIN
Input Current
VIN = 0.4V
-5
5
µA
VO
Output Voltage SDA
Acknowledge
IO = 1.6mA
0.4
0.8
V
(1) WIN represent the MUTE programming bit paIr D6,D5 for the zero crossing window threshold
TDA7340
6/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com