Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7340 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7340
Description  AUDIO SIGNAL PROCESSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7340 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7340 Datasheet HTML 8Page - STMicroelectronics TDA7340 Datasheet HTML 9Page - STMicroelectronics TDA7340 Datasheet HTML 10Page - STMicroelectronics TDA7340 Datasheet HTML 11Page - STMicroelectronics TDA7340 Datasheet HTML 12Page - STMicroelectronics TDA7340 Datasheet HTML 13Page - STMicroelectronics TDA7340 Datasheet HTML 14Page - STMicroelectronics TDA7340 Datasheet HTML 15Page - STMicroelectronics TDA7340 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
BASS/TREBLE
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
TREBLE STEPS
0000
-14dB
0001
-12dB
0010
-10dB
0011
-8dB
0100
-6dB
0101
-4dB
0110
-2dB
0111
0dB
1111
0dB
1110
2dB
1101
4dB
1100
6dB
1011
8dB
1010
10dB
1001
12dB
1000
14dB
BASS STEPS
0000
-14dB
0001
-12dB
0010
-10dB
0011
-8dB
0100
-6dB
0101
-4dB
0110
-2dB
0111
0dB
1111
0dB
1110
2dB
1101
4dB
1100
6dB
1011
8dB
1010
10dB
1001
12dB
1000
14dB
For example12dB TREBLE and -8dB BASS give the following Data Byte : 00111001
TDA7340
13/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com