Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175TMP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 175TMP
Description  Aluminum Capacitors High Temperature Solid Electrolytic SMD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

175TMP Datasheet(HTML) 1 Page - Vishay Siliconix

  175TMP Datasheet HTML 1Page - Vishay Siliconix 175TMP Datasheet HTML 2Page - Vishay Siliconix 175TMP Datasheet HTML 3Page - Vishay Siliconix 175TMP Datasheet HTML 4Page - Vishay Siliconix 175TMP Datasheet HTML 5Page - Vishay Siliconix 175TMP Datasheet HTML 6Page - Vishay Siliconix 175TMP Datasheet HTML 7Page - Vishay Siliconix 175TMP Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
175 TMP
Vishay BCcomponents
Aluminum Capacitors
High Temperature Solid Electrolytic SMD
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28305
74
Revision: 04-Nov-08
FEATURES
• Polarized aluminum electrolytic capacitors SMD,
solid electrolyte MnO2
• Extremely long useful life, 20 000 h/125 °C
• High temperature, usable up to 175 °C
• Excellent impedance and ESR behavior, at low and high
temperature
• Charge and discharge proof, application with 0 Ω
resistance allowed
• Reverse DC voltage up to 0.5 x U
R allowed
• AC voltage up to 0.8 x U
R allowed
• High shock and vibration capability
• High ripple current per volume in SMD
APPLICATIONS
• SMD technology
• Smoothing, filtering, buffering
• Telecommunications, professional industrial, EDP, high
end power conversion
• Power supplies, SMPS for telecommunications
PACKAGING
Supplied in blister tape on reel.
MARKING
• Rated capacitance (in µF)
• Rated voltage (in V)
• Date code, in accordance with IEC 60062
• Black mark or ‘-’ sign indicating the cathode (the anode is
identified by bevelled edges)
• Code indicating group number (V) HT
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes (L x W x H in mm)
8 x 8 x 10
Rated capacitance range, CR
1 to 68 µF
Tolerance on CR
± 20 %
Rated voltage range, UR
4to 40 V
Rated temperature range
- 55 to + 85 °C
Category temperature range:
UC1 = 4 to 25 V
- 55 to + 125 °C
UC2 = 4 to 16 V
- 55 to + 175 °C
Endurance test at 175 °C
1000 hours
Endurance test at 125 °C
10 000 hours
Useful life at 175 °C
2000 hours
Useful life at 125 °C
20 000 hours
Useful life at 40 °C, IR applied
> 300 000 hours
Shelf life at 0 V, 125 °C
500 h
Based on sectional specification
IEC 60384-4/EN130300
Climatic category IEC 60068
55/175/56
150 CRZ
140 CRH
153 CRV
125 °C
high
temperature
standard
175 TMP
solid SMD
175 °C
Fig.1 Component outline
RoHS
COMPLIANT
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES
CR
(µF)
UR (V) at Tamb = 85 °C
4
6.3
10
16
20
25
40
UC1 (V) at Tamb =125 °C
4
6.3
10
16
20
25
25
UC2 (V) at Tamb =175 °C
4
6.3
10
16
16
16
16
1
-
-
---
-
0810
2.2
-
-
-
-
-
-
0810
3.3
-
-
-
-
-
0810
-
4.7
-
-
-
-
-
0810
-
6.8
-
-
-
-
0810
0810
-
10
-
-
-
0810
-
0810
-
15
-
-
0810
-
-
-
-
22
-
-
0810
-
-
-
-
33
-
0810
-
-
-
-
-
47
-
0810
-
-
-
-
-
68
0810
-
-
-
-
-
-


Similar Part No. - 175TMP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
175T48 STMICROELECTRONICS-175T48 Datasheet
136Kb / 10P
120W/175W DC-DC CONVERTERS FAMILY
Jun-1994
More results

Similar Description - 175TMP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140-CRH VISHAY-140-CRH Datasheet
156Kb / 13P
Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
31-Jan-17
logo
RUBYCON CORPORATION
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ330MR15 RUBYCON-2.5SWZ330MR15 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ330MR05 RUBYCON-2SWZ330MR05 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
logo
Vishay Siliconix
140CRH VISHAY-140CRH_17 Datasheet
157Kb / 13P
Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
31-Jan-17
140CRH VISHAY-140CRH_V01 Datasheet
154Kb / 13P
Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
31-Jan-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com