Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175TMP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 175TMP
Description  Aluminum Capacitors High Temperature Solid Electrolytic SMD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

175TMP Datasheet(HTML) 2 Page - Vishay Siliconix

  175TMP Datasheet HTML 1Page - Vishay Siliconix 175TMP Datasheet HTML 2Page - Vishay Siliconix 175TMP Datasheet HTML 3Page - Vishay Siliconix 175TMP Datasheet HTML 4Page - Vishay Siliconix 175TMP Datasheet HTML 5Page - Vishay Siliconix 175TMP Datasheet HTML 6Page - Vishay Siliconix 175TMP Datasheet HTML 7Page - Vishay Siliconix 175TMP Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
175 TMP
Aluminum Capacitors
High Temperature Solid Electrolytic SMD
Vishay BCcomponents
Document Number: 28305
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 04-Nov-08
75
Table 1
Table 2
AS A GENERAL PRINCIPLE, TEMPERATURE AND DURATION
SHALL BE THE MINIMUM NECESSARY REQUIRED TO ENSURE
GOOD SOLDERING CONNECTIONS.
MOUNTING
The capacitors are designed for automatic placement on to
printed-circuit boards.
Optimum dimensions of soldering pads depend amongst
others on soldering method, mounting accuracy, print layout
and/or adjacent components.
For recommended soldering pad dimensions, refer to Fig.3
and Table 3.
SOLDERING
Soldering conditions are defined by the curve, temperature
versus time, where the temperature is that measured on the
soldering pad during processing.
Resistant against 260 °C reflow temperature; see Fig.4.
Any temperature versus time curve which does not exceed
the specified maximum curves may be applied.
Table 3
TAPE AND REEL DIMENSIONS in millimeters
CASE CODE
PITCH
P1
TAPE WIDTH
W
TAPE THICKNESS
T2
REEL DIA.
PACKAGING
QUANTITY
PER REEL
0810
16
24
11
380
500
DIMENSIONS in millimeters AND MASS (see Fig.2)
NOMINAL
CASE SIZE
L x W x H
CASE
CODE
Lmax.
Wmax.
Hmax.
Ø D
Bmax.
SC
MASS
(g)
8.0 x 8.0 x 10.0
0810
8.4
8.4
10.7
8.0
1
4.7
2.2 ± 0.2
≈ 0.8
Fig.2 Dimensional outline
H
W B
0.3
max.
D
S
L
0.4 ± 0.2
CC
+
+
-
ca
a
b
Fig.3 Recommended soldering pad dimensions
RECOMMENDED SOLDERING PAD
DIMENSIONS in millimeters
CASE CODE
a
b
c
0810
3.0
2.5
4.0
0
50
100
150
200
250
300
0
50
100
150
200
250
300
t (s)
Fig.4 Maximum temperature load during infrared reflow soldering
measured on the soldering pad



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com