Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175TMP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 175TMP
Description  Aluminum Capacitors High Temperature Solid Electrolytic SMD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

175TMP Datasheet(HTML) 4 Page - Vishay Siliconix

  175TMP Datasheet HTML 1Page - Vishay Siliconix 175TMP Datasheet HTML 2Page - Vishay Siliconix 175TMP Datasheet HTML 3Page - Vishay Siliconix 175TMP Datasheet HTML 4Page - Vishay Siliconix 175TMP Datasheet HTML 5Page - Vishay Siliconix 175TMP Datasheet HTML 6Page - Vishay Siliconix 175TMP Datasheet HTML 7Page - Vishay Siliconix 175TMP Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
175 TMP
Aluminum Capacitors
High Temperature Solid Electrolytic SMD
Vishay BCcomponents
Document Number: 28305
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 04-Nov-08
77
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
Us ≤ 1.15 x UR
Reverse voltage
Tamb = 85 °C:
at UR = 4 to 16 V
Urev < 0.5 UR
at UR = 20 V
Urev < 0.4 UR
at UR = 25 to 40 V
Urev < 0.3 UR
Tamb = 125 °C:
at UR = 4 to 16 V
Urev < 0.4 UR
at UR = 20 V
Urev < 0.2 UR
at UR = 25 to 40 V
Urev < 0.1 UR
Tamb = 175 °C:
at UR = 4 to 16 V
Urev < 0.3 UR
at UR = 20 V
Urev < 0.15 UR
at UR = 25 to 40 V
Urev < 0.1 UR
Maximum peak AC voltage
Reverse voltage applied
≤ 2V
Maximum peak AC voltage, without
Tamb = 85 °C:
reverse voltage applied
at f
≤ 0.1 Hz
0.30 x UR
at 0.1 Hz < f
≤ 1 Hz
0.45 x UR
at 1 Hz < f
≤ 10 Hz
0.60 x UR
at 10 Hz < f
≤ 50 Hz
0.65 x UR
at f > 50 Hz
0.80 x UR
85
°C < T
amb ≤ 125 °C:
at f
≤ 0.1 Hz
0.15 x UR
at 0.1 Hz < f
≤ 1 Hz
0.22 x UR
at 1 Hz < f
≤ 10 Hz
0.30 x UR
at 10 Hz < f
≤ 50 Hz
0.32 x UR
at f > 50 Hz
0.40 x UR
125
°C ≤ T
amb ≤ 175 °C:
at f < 50 Hz
0.1 x UR
at f > 50 Hz
0.2 x UR
Inductance
Equivalent series inductance (ESL)
Case sizes (mm):
8 x 8x10
typ. 9to 14nH
Dissipation
Maximum power dissipation
Case sizes (mm):
Pmax. = P125 mW
8 x 8 x 10
350
Current
Maximum leakage current
After 5 minutes at UR and Tamb = 25 °C
see Table 4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com