Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175TMP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 175TMP
Description  Aluminum Capacitors High Temperature Solid Electrolytic SMD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

175TMP Datasheet(HTML) 3 Page - Vishay Siliconix

  175TMP Datasheet HTML 1Page - Vishay Siliconix 175TMP Datasheet HTML 2Page - Vishay Siliconix 175TMP Datasheet HTML 3Page - Vishay Siliconix 175TMP Datasheet HTML 4Page - Vishay Siliconix 175TMP Datasheet HTML 5Page - Vishay Siliconix 175TMP Datasheet HTML 6Page - Vishay Siliconix 175TMP Datasheet HTML 7Page - Vishay Siliconix 175TMP Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28305
76
Revision: 04-Nov-08
175 TMP
Vishay BCcomponents
Aluminum Capacitors
High Temperature Solid Electrolytic SMD
Note
Unless otherwise specified, all electrical values in Table 4 apply at
Tamb = 20 °C, P = 86 to 106 kPa, RH = 45 to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 175 TMP series
47 µF/6.3 V; ± 20 %
Nominal case size: 8 x 8 x 10 mm; taped on reel
Lead (Pb)-free terminations
Table 4
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz, tolerance ± 20 %
IR
typical RMS ripple current no necessary
DC voltage applied
IL5
typical leakage current after 5 minutes at UR
ESR
typical equivalent series resistance at 100 kHz
ZF RES
typical impedance at average
resonance frequency
Ordering code: MAL2 175 73479 E3
Former 12NC:
2222 175 73479
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
UC1
125 °C
(V)
UC2
175 °C
(V)
CR
(µF)
NOMINAL
CASE SIZE
Lx Wx H
(mm)
IR
100 kHz
175 °C
(mA)
IR
100 kHz
40 °C
(mA)
IL5
5min
(mA)
TYP.
ESR
100 kHz
(
Ω)
TYP.
ZF RES
(
Ω)
TYP.
ZF RES
(MHz)
ORDERING
CODE
MAL2175.......
4
4
4
68
8.0 x 8.0 x 10.0
426
2660
5
0.15
0.11
0.65
72689E3
6.3
6.3
6.3
33
8.0 x 8.0 x 10.0
426
2660
4
0.15
0.1
0.71
73339E3
47
8.0 x 8.0 x 10.0
413
2580
5
0.16
0.11
0.73
73479E3
10
10
10
15
8.0 x 8.0 x 10.0
234
1460
3
0.5
0.25
2.0
74159E3
22
8.0 x 8.0 x 10.0
301
1880
3
0.31
0.22
2.0
74229E3
16
16
16
10
8.0 x 8.0 x 10.0
186
1160
3
0.79
0.38
3.2
75109E3
20
20
16
6.8
8.0 x 8.0 x 10.0
142
890
2
1.31
0.69
5.1
78688E3
25
25
16
3.3
8.0 x 8.0 x 10.0
91
653
2
2.0
0.7
7.7
76338E3
4.7
8.0 x 8.0 x 10.0
131
740
2
1.6
0.63
6.4
76478E3
6.8
8.0 x 8.0 x 10.0
139
870
4
1.33
0.52
4.95
76688E3
10
8.0 x 8.0 x 10.0
186
1160
4
0.79
0.38
3.2
76109E3
40
25
16
1.0
8.0 x 8.0 x 10.0
94
590
2
3.12
0.86
9.6
77108E3
2.2
8.0 x 8.0 x 10.0
112
700
2
2.16
0.74
7.5
77228E3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com