Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7442D Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7442D
Description  TONE CONTROL AND SURROUND DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7442D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7442D Datasheet HTML 5Page - STMicroelectronics TDA7442D Datasheet HTML 6Page - STMicroelectronics TDA7442D Datasheet HTML 7Page - STMicroelectronics TDA7442D Datasheet HTML 8Page - STMicroelectronics TDA7442D Datasheet HTML 9Page - STMicroelectronics TDA7442D Datasheet HTML 10Page - STMicroelectronics TDA7442D Datasheet HTML 11Page - STMicroelectronics TDA7442D Datasheet HTML 12Page - STMicroelectronics TDA7442D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/17
TDA7442 - TDA7442D
5.2 Surround Selection
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
SURROUND MODE
0
0
SIMULATED STEREO
01
MUSIC
10
OFF
OUT
0VAR
1FIX
EFFECT CONTROL
0000
-6
0001
-7
0010
-8
0011
-9
0100
-10
0101
-11
0110
-12
0111
-13
1000
-14
1001
-15
1010
-16
1011
-17
1100
-18
1101
-19
1110
-20
1111
-21
PHASE RESISTOR SELECTION
MSB
LSB
SURROUND PHASE RESISTOR
D7
D6
D5
D4
D3
D2
D1
D0
PHASE SHIFT 1 (K
Ω)
00
12
01
14
10
18
11
37
BASS SELECTION
MSB
LSB
BASS
D7
D6
D5
D4
D3
D2
D1
D0
2 dB STEPS
X
X
X
1
0
000
-14
X
X
X
1
0
001
-12
X
X
X
1
0
010
-10
X
X
X
1
0
011
-8
X
X
X
1
0
100
-6
X
X
X
1
0
101
-4
X
X
X
1
0
110
-2
X
X
X
1
0
111
0
X
X
X
1
1
111
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com