Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7442D Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7442D
Description  TONE CONTROL AND SURROUND DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7442D Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7442D Datasheet HTML 9Page - STMicroelectronics TDA7442D Datasheet HTML 10Page - STMicroelectronics TDA7442D Datasheet HTML 11Page - STMicroelectronics TDA7442D Datasheet HTML 12Page - STMicroelectronics TDA7442D Datasheet HTML 13Page - STMicroelectronics TDA7442D Datasheet HTML 14Page - STMicroelectronics TDA7442D Datasheet HTML 15Page - STMicroelectronics TDA7442D Datasheet HTML 16Page - STMicroelectronics TDA7442D Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15/17
TDA7442 - TDA7442D
Figure 18. SDIP-32 Mechanical Data & Package Dimensions
OUTLINE AND
MECHANICAL DATA
A1
B
e
B1
D
17
16
32
1
L
A
eA
A2
C
E1
E
eB
SDIP32M
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
3.556
3.759
5.080
0.14
0.147
0.2
A1
0.508
0.020
A2
3.048
3.556
4.572
0.12
0.14
0.18
B
0.356
0.457
0.584
0.014
0.018
0.023
B1
0.762
1.016
1.397
0.03
0.04
0.055
C
0.203
0.254
0.356
0.008
0.01
0.014
D
27.43
27.94
28.45
1.08
1.1
1.12
E
9.906
10.41
11.05
0.39
0.409
0.433
E1
7.620
8.890
9.398
0.3
0.35
0.37
e
1.778
0.070
eA
10.16
0.400
eB
12.70
0.500
L
2.540
3.048
3.810
0.1
0.12
0.15
SDIP-32
0123183
(Shrink Plastic Dip 32L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com