Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7442D Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7442D
Description  TONE CONTROL AND SURROUND DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7442D Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7442D Datasheet HTML 8Page - STMicroelectronics TDA7442D Datasheet HTML 9Page - STMicroelectronics TDA7442D Datasheet HTML 10Page - STMicroelectronics TDA7442D Datasheet HTML 11Page - STMicroelectronics TDA7442D Datasheet HTML 12Page - STMicroelectronics TDA7442D Datasheet HTML 13Page - STMicroelectronics TDA7442D Datasheet HTML 14Page - STMicroelectronics TDA7442D Datasheet HTML 15Page - STMicroelectronics TDA7442D Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
TDA7442 - TDA7442D
12/17
Table 6.
POWER ON RESET
BASS
2dB
TREBLE
0dB
SURROUND & OUT CONTROL+ EFFECT CONTROL
OFF + FIX + MAX ATTENUATION
SPEAKER ATTENUATION L &R
MUTE
INPUT ATTENUATION
MAX ATTENUATION
INPUT
IN1
Figure 8. PIN: TREBLE-L, TREBLE-R
Figure 9. PIN: VOUT REF
Figure 10. PIN: L-IN, R-IN, L-IN2, R-IN2, L-IN3,
R-IN3,L-IN4, R-IN4,
Figure 11. PIN: CREF
Figure 12. PIN: SCL, SDA
Figure 13. PIN: LP
Figure 14. PIN: L-OUT, R-OUT
25K
VS
D95AU309
20
µA
GND
10K
VS
D95AU233A
20
µA
GND
GND
50K
GND
VS
VREF
D94AU200
20
µA
20K
VS
D95AU336
20
µA
20K
GND
42K
D94AU205
20
µA
GND
VS
D95AU308
20
µA
GND
VS
D95AU230
20
µA
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com