Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7442D Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7442D
Description  TONE CONTROL AND SURROUND DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7442D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7442D Datasheet HTML 6Page - STMicroelectronics TDA7442D Datasheet HTML 7Page - STMicroelectronics TDA7442D Datasheet HTML 8Page - STMicroelectronics TDA7442D Datasheet HTML 9Page - STMicroelectronics TDA7442D Datasheet HTML 10Page - STMicroelectronics TDA7442D Datasheet HTML 11Page - STMicroelectronics TDA7442D Datasheet HTML 12Page - STMicroelectronics TDA7442D Datasheet HTML 13Page - STMicroelectronics TDA7442D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TDA7442 - TDA7442D
10/17
MSB
LSB
BASS
D7
D6
D5
D4
D3
D2
D1
D0
2 dB STEPS
X
X
X
1
1
110
2
X
X
X
1
1
101
4
X
X
X
1
1
100
6
X
X
X
1
1
011
8
X
X
X
1
1
010
10
X
X
X
1
1
001
12
X
X
X
1
1
000
14
SPEAKER SELECTION
MSB
LSB
SPEAKER/ATT
D7
D6
D5
D4
D3
D2
D1
D0
1 dB STEPS
X
000
0
X
001
-1
X
010
-2
X
011
-3
X
100
-4
X
101
-5
X
110
-6
X
111
-7
8 dB STEPS
X
0000
0
X
0001
-8
X
0010
-16
X
0011
-24
X
0100
-32
X
0101
-40
X
0110
-48
X
0111
-56
X
1000
-64
X
1001
-72
MUTE
X
101
X
X1
1
X
X
X = INDIFFERENT 0,1
SPEAKER ATTENUATION = 0dB ~ -79dB
TREBLE SELECTION
MSB
LSB
TREBLE
D7
D6
D5
D4
D3
D2
D1
D0
2 dB STEPS
0
0001
110
-14
0
0011
110
-12
0
0101
110
-10
0
0111
110
-8
0
1001
110
-6
0
1011
110
-4
5.2 Surround Selection (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com