Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7448 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7448
Description  6 CHANNEL VOLUME CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7448 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7448 Datasheet HTML 4Page - STMicroelectronics TDA7448 Datasheet HTML 5Page - STMicroelectronics TDA7448 Datasheet HTML 6Page - STMicroelectronics TDA7448 Datasheet HTML 7Page - STMicroelectronics TDA7448 Datasheet HTML 8Page - STMicroelectronics TDA7448 Datasheet HTML 9Page - STMicroelectronics TDA7448 Datasheet HTML 10Page - STMicroelectronics TDA7448 Datasheet HTML 11Page - STMicroelectronics TDA7448 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TDA7448
8/13
Figure 8. PIN:20
Figure 9. PINS: 5, 6, 7, 14, 15, 16
Figure 10. PINS: 2, 3, 4, 17, 18, 19
Figure 11. PINS: 10
Figure 12. PINS: 9
20K
20K
CREF
VS
D96AU430
VS
VS
D02AU1398
20
µA
OUT1 to
OUT6
24
20
µA
VS
100K
VREF
D96AU425
IN
D96AU424
20
µA
SCL
D96AU423
20
µA
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com