Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7448 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7448
Description  6 CHANNEL VOLUME CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7448 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7448 Datasheet HTML 1Page - STMicroelectronics TDA7448 Datasheet HTML 2Page - STMicroelectronics TDA7448 Datasheet HTML 3Page - STMicroelectronics TDA7448 Datasheet HTML 4Page - STMicroelectronics TDA7448 Datasheet HTML 5Page - STMicroelectronics TDA7448 Datasheet HTML 6Page - STMicroelectronics TDA7448 Datasheet HTML 7Page - STMicroelectronics TDA7448 Datasheet HTML 8Page - STMicroelectronics TDA7448 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
TDA7448
ELECTRICAL CHARACTERISTCS
(refer to the test circuit Tamb = 25°C, VS = 9V, RL = 10KΩ, RG = 600Ω, unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY
VS
Supply Voltage
4.75
9
10
V
IS
Supply Current
7
mA
SVR
Ripple Rejection
80
dB
INPUT STAGE
RIN
Input Resistance
35
50
65
K
VCL
Clipping Level
THD = 0.3%
2
2.5
Vrms
SIN
Input Separation
The selected input is grounded
through a 2.2
µ capacitor
90
dB
VOLUME CONTROL
CRANGE
Control Range
79
dB
AVMAX
Max. Attenuation
79
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
EA
Attenuation Set Error
AV = 0 to -24dB
-1
0
1
dB
AV = -24 to -79dB
-2.0
0
2.0
dB
ET
Tracking Error
AV = 0 to -24dB
-1
0
1
dB
AV = -24 to -79dB
-2
0
2
dB
VDC
DC Step
adyacent attenuation steps
-3
0
3
mV
Amute
Mute Attenuation
90
db
AUDIO OUTPUTS
VCLIP
Clipping Level
THD = 0.3%
2
2.5
Vrms
RL
Output Load Resistance
2
K
VDC
DC Voltage Level
4.5
V
GENERAL
ENO
Output Noise
BW = 20Hz to 20KHz
All gains = 0dB, Flat
10
15
µV
S/N
Signal to Noise Ratio
All gains = 0dB; VO = 1Vrms
100
dB
SC
Channel Separation left/Right
80
90
dB
THD
Distortion
AV = 0; VI = 1Vrms
0.01
0.1
%
BUS INPUT
VIl
Input Low Voltage
1V
VIH
Input High Voltage
2.5
V
IIN
Input Current
VIN = 0.4V
-5
5
µA
VO
Output Voltage SDA
Achnowledge
IO = 1.6mA
0.4
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com