Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7448 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7448
Description  6 CHANNEL VOLUME CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7448 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7448 Datasheet HTML 1Page - STMicroelectronics TDA7448 Datasheet HTML 2Page - STMicroelectronics TDA7448 Datasheet HTML 3Page - STMicroelectronics TDA7448 Datasheet HTML 4Page - STMicroelectronics TDA7448 Datasheet HTML 5Page - STMicroelectronics TDA7448 Datasheet HTML 6Page - STMicroelectronics TDA7448 Datasheet HTML 7Page - STMicroelectronics TDA7448 Datasheet HTML 8Page - STMicroelectronics TDA7448 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TDA7448
4/13
Figure 1. Test circuit
APPLICATION SUGGESTIONS
The volume control range is 0 to -79dB, by 1dB step
resolution.
The very high resolution allows the implementation of
systems free from any noise acoustical effect.
CREF
The suggested 10
µF reference capacitor (CREF)
value can be reduced to 4.7
µF if the application re-
quires faster power ON.
Figure 2. THD vs. frequency
Figure 3. THD vs. RLOAD
Figure 4. Channel separation vs. frequency
VOLUME
VS
VOLUME
VOLUME
VOLUME
VOLUME
VOLUME
I
2
C BUS
DECODER
SUPPLY
2
IN1
0.47
µF
0.47
µF
0.47
µF
0.47
µF
0.47
µF
0.47
µF
10
µF
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
SDA
SCL
ADDR
D02AU1406
IN2
IN3
IN4
IN5
IN6
IN1
IN2
IN3
IN4
IN5
IN6
11
9
10
16
5
15
6
14
7
GND
CREF
19
3
18
4
17
11
20
1
50K
50K
50K
50K
50K
50K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com