Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7448 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7448
Description  6 CHANNEL VOLUME CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7448 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7448 Datasheet HTML 2Page - STMicroelectronics TDA7448 Datasheet HTML 3Page - STMicroelectronics TDA7448 Datasheet HTML 4Page - STMicroelectronics TDA7448 Datasheet HTML 5Page - STMicroelectronics TDA7448 Datasheet HTML 6Page - STMicroelectronics TDA7448 Datasheet HTML 7Page - STMicroelectronics TDA7448 Datasheet HTML 8Page - STMicroelectronics TDA7448 Datasheet HTML 9Page - STMicroelectronics TDA7448 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TDA7448
6/13
SOFTWARE SPECIFICATION
Interface Protocol
The interface protocol comprises:
s
A start condition (S)
s
A chip address byte, containing the TDA7448 address
s
A subaddress bytes
s
A sequence of data (N byte + acknowledge)
s
A stop condition (P))
ACK = Acknowledge;
S = Start;
P = Stop;
A = Address;
B = Auto Increment
EXAMPLES
No Incremental Bus
The TDA7448 receives a start condition, the correct chip address, a subaddress with the B = 0 (no incremental
bus), N-data (all these data concern the subaddress selected), a stop condition.
Incremental Bus
The TDA7448 receivea start conditions, the correct chip address, a subaddress with the B = 1 (incremental bus):
now it is in a loop condition with an autoincrease of the subaddress whereas SUBADDRESS from "XXX1000"
to "XXX1111" of DATA are ignored.The DATA 1 concern the subaddress sent, and the DATA 2 concern the
subaddress sent plus one in the loop etc, and at the end it receivers the stop condition.
DATA BYTES
Address= 88 (HEX) (10001000): ADDR open; 8A (HEX) (10001010): connect to supply
FUNCTION SELECTION: subaddress
B=1: INCREMENTAL BUS; ACTIVE
B=0: NO INCREMENTAL BUS
X= DON’T CARE
MSB
LSB
SUBADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
B
0
0
0
0
SPEAKER ATTENUATION OUT 1
X
X
X
B
0
0
0
1
SPEAKER ATTENUATION OUT 2
X
X
X
B
0
0
1
0
SPEAKER ATTENUATION OUT 3
X
X
X
B
0
0
1
1
SPEAKER ATTENUATION OUT 4
X
X
X
B
0
1
0
0
SPEAKER ATTENUATION OUT 5
X
X
X
B
0
1
0
1
SPEAKER ATTENUATION OUT 6
X
X
X
B
0
1
1
0
NOT USED”
X
X
X
B
0
1
1
1
NOT USED
S
1
0
0
0
1
0
0
0
ACK
ACK
DATA
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
D96AU420
X
DATA
SUBADDRESS
DATA 1 to DATA n
XXB
S
1
0
0
0
1
0
0
0
ACK
ACK
DATA
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
D96AU421
XD3
SUBADDRESS
DATA
XX
0
D2 D1 D0
S
1
0
0
0
1
0
0
0
ACK
ACK
DATA
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
D96AU422
XD3
SUBADDRESS
DATA 1 to DATA n
XX
1
D2 D1 D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com