Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7465 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7465
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7465 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7465 Datasheet HTML 5Page - STMicroelectronics TDA7465 Datasheet HTML 6Page - STMicroelectronics TDA7465 Datasheet HTML 7Page - STMicroelectronics TDA7465 Datasheet HTML 8Page - STMicroelectronics TDA7465 Datasheet HTML 9Page - STMicroelectronics TDA7465 Datasheet HTML 10Page - STMicroelectronics TDA7465 Datasheet HTML 11Page - STMicroelectronics TDA7465 Datasheet HTML 12Page - STMicroelectronics TDA7465 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MSB
LSB
INPUT ATTENUATION
D7
D6
D5
D4
D3
D2
D1
D0
0.5 dB STEPS
0
000
0
0
0
0
1
-0.5
0
010
-1
0
0
1
1
-1.5
0
100
-2
0
1
0
1
-2.5
0
110
-3
0
1
1
1
-3.5
4 dB STEPS
0000
0
0001
-4
0010
-8
0011
-12
0100
-16
0101
-20
0110
-24
0111
-28
INPUT ATTENUATION = 0
∼ -31.5dB
INPUT ATTENUATION SELECTION
MSB
LSB
SUBADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
B
X
X
X
0000
INPUT ATTENUATION
B
X
X
X
0001
SURROUND & OUT & EFFECT
CONTROL
B
X
X
X
0010
PHASE RESISTOR
B
X
X
X
0011
BASS
B
X
X
X
0100
MIDDLE & TREBLE
B
X
X
X
0101
SPEAKER ATTENUATION ”L”
B
X
X
X
0110
SPEAKER ATTENUATION ”R”
B
X
X
X
0111
RECORD ATTENUATION ”L”
B
X
X
X
1000
RECORD ATTENUATION”R”
B
X
X
X
1001
VOICE CANCELLER & REC OUT
B
X
X
X
1010
SRS / SPACE ATTENUATION
B
X
X
X
1011
SRS / CENTER ATTENUATION
B = 1 INCREMENTAL BUS; ACTIVE
B = 0 NO INCREMENTAL BUS;
X = DONT’ CARE
The first byte (subaddress)
DATA BYTES (Address = 80(HEX) [82(HEX) if ADDRESS pin is connected to VS]
FUNCTION SELECTION:
TDA7465
9/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com